Electronic Components Datasheet Search
  English  ▼

X  

LINR3 Datasheet(PDF) 92 Page - fujitsu semiconductor

Part # LINR3
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR3 Datasheet(HTML) 92 Page - fujitsu semiconductor

Back Button LINR3 Datasheet HTML 88Page - fujitsu semiconductor LINR3 Datasheet HTML 89Page - fujitsu semiconductor LINR3 Datasheet HTML 90Page - fujitsu semiconductor LINR3 Datasheet HTML 91Page - fujitsu semiconductor LINR3 Datasheet HTML 92Page - fujitsu semiconductor LINR3 Datasheet HTML 93Page - fujitsu semiconductor LINR3 Datasheet HTML 94Page - fujitsu semiconductor LINR3 Datasheet HTML 95Page - fujitsu semiconductor LINR3 Datasheet HTML 96Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
MB96320 Series
92
FME-MB96320 rev 7
6. Low Voltage Detector characteristics
CILCR:LVL[3:0] are the low voltage detector level select bits of the CILCR register.
For correct detection, the slope of the voltage level must satisfy
.
Faster variations are regarded as noise and may not be detected.
The functional operation of the MCU is guaranteed down to the minimum low voltage detection level of
“Level 0” (VDL0_MIN). The electrical characteristics however are only valid in the specified range (usually down to
3.0V).
(TA = -40 ˚C to +125 ˚C, Vcc = AVcc = 3.0V - 5.5V, Vss = AVss = 0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Stabilization time
TLVDSTAB
-75
µs
After power-up or change
of detection level
Level 0
VDL0
2.7
2.9
V
CILCR:LVL[3:0]=”0000”
Level 1
VDL1
2.9
3.1
V
CILCR:LVL[3:0]=”0001”
Level 2
VDL2
3.1
3.3
V
CILCR:LVL[3:0]=”0010”
Level 3
VDL3
3.5
3.75
V
CILCR:LVL[3:0]=”0011”
Level 4
VDL4
3.6
3.85
V
CILCR:LVL[3:0]=”0100”
Level 5
VDL5
3.7
3.95
V
CILCR:LVL[3:0]=”0101”
Level 6
VDL6
3.8
4.05
V
CILCR:LVL[3:0]=”0110”
Level 7
VDL7
3.9
4.15
V
CILCR:LVL[3:0]=”0111”
Level 8
VDL8
4.0
4.25
V
CILCR:LVL[3:0]=”1000”
Level 9
VDL9
4.1
4.35
V
CILCR:LVL[3:0]=”1001”
Level 10
VDL10
not used
Level 11
VDL11
not used
Level 12
VDL12
not used
Level 13
VDL13
not used
Level 14
VDL14
not used
Level 15
VDL15
not used
t
d
d
V
0.004 V
µs
-----
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com