Electronic Components Datasheet Search
  English  ▼

X  

LINR3 Datasheet(PDF) 38 Page - fujitsu semiconductor

Part # LINR3
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR3 Datasheet(HTML) 38 Page - fujitsu semiconductor

Back Button LINR3 Datasheet HTML 34Page - fujitsu semiconductor LINR3 Datasheet HTML 35Page - fujitsu semiconductor LINR3 Datasheet HTML 36Page - fujitsu semiconductor LINR3 Datasheet HTML 37Page - fujitsu semiconductor LINR3 Datasheet HTML 38Page - fujitsu semiconductor LINR3 Datasheet HTML 39Page - fujitsu semiconductor LINR3 Datasheet HTML 40Page - fujitsu semiconductor LINR3 Datasheet HTML 41Page - fujitsu semiconductor LINR3 Datasheet HTML 42Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
MB96320 Series
38
FME-MB96320 rev 7
000516H
ICU8 - Capture Register Low
IPCPL8
IPCP8
R
000517H
ICU8 - Capture Register High
IPCPH8
R
000518H
ICU9 - Capture Register Low
IPCPL9
IPCP9
R
000519H
ICU9 - Capture Register High
IPCPH9
R
00051AH
ICU10/ICU11 - Control Status Register
ICS1011
R/W
00051BH
ICU10/ICU11 - Edge Register
ICE1011
R/W
00051CH
ICU10 - Capture Register Low
IPCPL10
IPCP10
R
00051DH
ICU10 - Capture Register High
IPCPH10
R
00051EH
ICU11 - Capture Register Low
IPCPL11
IPCP11
R
00051FH
ICU11 - Capture Register High
IPCPH11
R
000520H-
00053DH
Reserved
-
00053EH
USART7 - Serial Mode Register
SMR7
R/W
00053FH
USART7 - Serial Control Register
SCR7
R/W
000540H
USART7 - Serial TX Register
TDR7
W
000540H
USART7 - Serial RX Register
RDR7
R
000541H
USART7 - Serial Status Register
SSR7
R/W
000542H
USART7 - Ext. Control/Com. Register
ECCR7
R/W
000543H
USART7 - Ext. Status Com. Register
ESCR7
R/W
000544H
USART7 - Baud Rate Generator Register Low
BGRL7
BGR7
R/W
000545H
USART7 - Baud Rate Generator Register High
BGRH7
R/W
000546H
USART7 - Extended Serial Interrupt Register
ESIR7
R/W
000547H
Reserved
-
000548H
USART8 - Serial Mode Register
SMR8
R/W
000549H
USART8 - Serial Control Register
SCR8
R/W
00054AH
USART8 - Serial TX Register
TDR8
W
00054AH
USART8 - Serial RX Register
RDR8
R
00054BH
USART8 - Serial Status Register
SSR8
R/W
00054CH
USART8 - Ext. Control/Com. Register
ECCR8
R/W
00054DH
USART8 - Ext. Status Com. Register
ESCR8
R/W
I/O map MB96(F)32x (19 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com