Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 211 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 211 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 207Page - National Semiconductor (TI) SC2200 Datasheet HTML 208Page - National Semiconductor (TI) SC2200 Datasheet HTML 209Page - National Semiconductor (TI) SC2200 Datasheet HTML 210Page - National Semiconductor (TI) SC2200 Datasheet HTML 211Page - National Semiconductor (TI) SC2200 Datasheet HTML 212Page - National Semiconductor (TI) SC2200 Datasheet HTML 213Page - National Semiconductor (TI) SC2200 Datasheet HTML 214Page - National Semiconductor (TI) SC2200 Datasheet HTML 215Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 433 page
background image
Revision 3.0
211
www.national.com
Core Logic Module (Continued)
4
Video Speedup. Any video activity, as decoded from the serial connection (PSERIAL) from the GX1 module disables clock
throttling (via internal SUSP#/SUSPA# handshake) for a configurable duration when system is power-managed using CPU
Suspend modulation.
0: Disable.
1: Enable.
The duration of the speedup is configured in the Video Speedup Timer Count Register (F0 Index 8Dh). Detection of an
external VGA access (3Bx, 3Cx, 3Dx and A000h-B7FFh) on the PCI bus is also supported. This configuration is non-stan-
dard, but it does allow the power management routines to support an external VGA chip.
3
IRQ Speedup. Any unmasked IRQ (per I/O Ports 021h/0A1h) or SMI disables clock throttling (via internal SUSP#/SUSPA#
handshake) for a configurable duration when system is power-managed using CPU Suspend modulation.
0: Disable.
1: Enable.
The duration of the speedup is configured in the IRQ Speedup Timer Count Register (F0 Index 8Ch).
2
Traps. Globally enable all power management I/O traps.
0: Disable.
1: Enable.
This excludes the XpressAUDIO I/O traps, which are enabled via F3BAR0+Memory Offset 18h.
1
Idle Timers. Device idle timers.
0: Disable.
1: Enable.
Note:
Disable at this level does not reload the timers on the enable. The timers are disabled at their current counts.
This bit has no affect on the Suspend Modulation register (F0 Index 94h).
Only applicable when in APM mode (F1BAR1+I/O Offset 0Ch[0] = 0) and not ACPI mode.
0
Power Management. Global power management.
0: Disable.
1: Enable.
This bit must be set to 1 immediately after POST for power management resources to function.
Index 81h
Power Management Enable Register 2 (R/W)
Reset Value: 00h
7
Video Access Idle Timer Enable. Turn on Video Idle Timer Count Register (F0 Index A6h) and generate an SMI when the
timer expires.
0: Disable.
1: Enable.
If an access occurs in the video address range (sets bit 0 of the GX1 module’s PSERIAL register) the timer is reloaded with
the programmed count.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[7].
6
User Defined Device 3 (UDEF3) Idle Timer Enable. Turn on UDEF3 Idle Timer Count Register (F0 Index A4h) and gener-
ate an SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the programmed address range, the timer is reloaded with the programmed count.
UDEF3 address programming is at F0 Index C8h (base address register) and CEh (control register).
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[6].
5
User Defined Device 2 (UDEF2) Idle Timer Enable. Turn on UDEF2 Idle Timer Count Register (F0 Index A2h) and gener-
ate an SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the programmed address range, the timer is reloaded with the programmed count.
UDEF2 address programming is at F0 Index C4h (base address register) and CDh (control register).
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 85h/F5h[5].
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com