Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 215 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 215 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 211Page - National Semiconductor (TI) SC2200 Datasheet HTML 212Page - National Semiconductor (TI) SC2200 Datasheet HTML 213Page - National Semiconductor (TI) SC2200 Datasheet HTML 214Page - National Semiconductor (TI) SC2200 Datasheet HTML 215Page - National Semiconductor (TI) SC2200 Datasheet HTML 216Page - National Semiconductor (TI) SC2200 Datasheet HTML 217Page - National Semiconductor (TI) SC2200 Datasheet HTML 218Page - National Semiconductor (TI) SC2200 Datasheet HTML 219Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 433 page
background image
Revision 3.0
215
www.national.com
Core Logic Module (Continued)
0
General Purpose Timer 1 Enable. Turn on GP Timer 1 Count Register (F0 Index 88h) and generate an SMI when the timer
expires.
0: Disable.
1: Enable.
This idle timer’s load is multi-sourced and gets reloaded any time an enabled event (F0 Index 89h[6:0]) occurs.
GP Timer 1 programming is at F0 Index 8Bh[4].
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[0].
Index 84h
Second Level PME/SMI Status Mirror Register 1 (RO)
Reset Value: 00h
The bits in this register are used for the second level of status reporting. The top level is reported at F1BAR0+I/O Offset 00h/02h[0].
This register is called a "mirror" register since an identical register exists at F0 Index F4h. Reading this register does not clear the status,
while reading its counterpart at F0 Index F4h clears the status at both the second and the top levels.
7:3
Reserved. Reads as 0.
2
GPWIO2 SMI Status. Indicates whether or not an SMI was caused by a transition on the GPWIO2 pin.
0: No.
1: Yes.
To enable SMI generation:
1) Ensure that GPWIO2 is enabled as an input: F1BAR1+I/O Offset 15h[2] = 0.
2) Set F1BAR1+I/O Offset 15h[6] to 1.
1
GPWIO1 SMI Status. Indicates whether or not an SMI was caused by a transition on the GPWIO1 pin.
0: No.
1: Yes.
To enable SMI generation:
1) Ensure that GPWIO1 is enabled as an input: F1BAR1+I/O Offset 15h[1] = 0.
2) Set F1BAR1+I/O Offset 15h[5] to 1.
0
GPWIO0 SMI Status. Indicates whether or not an SMI was caused by a transition on the GPWIO0 pin.
0: No.
1: Yes.
To enable SMI generation:
1) Ensure that GPWIO0 is enabled as an input: F1BAR1+I/O Offset 15h[0] = 0.
2) Set F1BAR1+I/O Offset 15h[4] to 1.
Index 85h
Second Level PME/SMI Status Mirror Register 2 (RO)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
This register is called a “Mirror” register since an identical register exists at F0 Index F5h. Reading this register does not clear the status,
while reading its counterpart at F0 Index F5h clears the status at both the second and top levels.
7
Video Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Video Idle Timer Count Register
(F0 Index A6h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[7] to 1.
6
User Defined Device Idle Timer 3 Timeout. Indicates whether or not an SMI was caused by expiration of User Defined
Device 3 Idle Timer Count Register (F0 Index A4h).
0: No
1: Yes
To enable SMI generation, set F0 Index 81h[6] to 1.
5
User Defined Device Idle Timer 2 Timeout. Indicates whether or not an SMI was caused by expiration of User Defined
Device 2 Idle Timer Count Register (F0 Index A2h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[5] to 1.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com