Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 214 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 214 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 210Page - National Semiconductor (TI) SC2200 Datasheet HTML 211Page - National Semiconductor (TI) SC2200 Datasheet HTML 212Page - National Semiconductor (TI) SC2200 Datasheet HTML 213Page - National Semiconductor (TI) SC2200 Datasheet HTML 214Page - National Semiconductor (TI) SC2200 Datasheet HTML 215Page - National Semiconductor (TI) SC2200 Datasheet HTML 216Page - National Semiconductor (TI) SC2200 Datasheet HTML 217Page - National Semiconductor (TI) SC2200 Datasheet HTML 218Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 433 page
background image
www.national.com
214
Revision 3.0
Core Logic Module (Continued)
0
Primary Hard Disk Access Trap.
0: Disable.
1: Enable.
If this bit is enabled and an access occurs in the address ranges selected in F0 Index 93h[5], an SMI is generated.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[0].
Index 83h
Power Management Enable Register 4 (R/W)
Reset Value: 00h
7
Secondary Hard Disk Idle Timer Enable. Turn on Secondary Hard Disk Idle Timer Count Register (F0 Index ACh) and
generate an SMI when the timer expires.
0: Disable.
1: Enable.
If an access occurs in the address ranges selected in F0 Index 93h[4], the timer is reloaded with the programmed count.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[4].
6
Secondary Hard Disk Access Trap. If this bit is enabled and an access occurs in the address ranges selected in F0 Index
93h[4], an SMI is generated.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 86h/F6h[5].
5
ACPI Timer SMI. Allow SMI generation for MSB toggles on the ACPI Timer (F1BAR0+I/O Offset 1Ch or
F1BAR1+I/O Offset 1Ch).
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[0].
4
THRM# SMI. Allow SMI generation on assertion of THRM#.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[0].
Second level SMI status is reported at F0 Index 87h/F7h[6].
3
VGA Timer Enable. Turn on VGA Timer Count Register (F0 Index 8Eh) and generate an SMI when the timer reaches 0.
0: Disable.
1: Enable.
If an access occurs in the programmed address range, the timer is reloaded with the programmed count. F0 Index 8Bh[6]
selects the timebase for the VGA Timer.
SMI status is reported at F1BAR0+I/O Offset 00h/02h[6] (top level only).
2
Video Retrace Interrupt SMI. Allow SMI generation whenever video retrace occurs.
0: Disable.
1: Enable.
This information is decoded from the serial connection (PSERIAL register, bit 7) from the GX1 module. This function is nor-
mally not used for power management but for soft (VSA) VGA routines.
SMI status reporting is at F1BAR0+I/O Offset 00h/02h[5] (top level only).
1
General Purpose Timer 2 Enable. Turn on GP Timer 2 Count Register (F0 Index 8Ah) and generate an SMI when the timer
expires.
0: Disable.
1: Enable.
This idle timer is reloaded from the assertion of GPIO7 (if programmed to do so). GP Timer 2 programming is at F0 Index
8Bh[5,3,2].
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[9].
Second level SMI status is reported at F1BAR0+I/O Offset 04h/06h[1].
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com