Electronic Components Datasheet Search
  English  ▼

X  

PC87570 Datasheet(PDF) 122 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 122 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 118Page - National Semiconductor (TI) PC87570 Datasheet HTML 119Page - National Semiconductor (TI) PC87570 Datasheet HTML 120Page - National Semiconductor (TI) PC87570 Datasheet HTML 121Page - National Semiconductor (TI) PC87570 Datasheet HTML 122Page - National Semiconductor (TI) PC87570 Datasheet HTML 123Page - National Semiconductor (TI) PC87570 Datasheet HTML 124Page - National Semiconductor (TI) PC87570 Datasheet HTML 125Page - National Semiconductor (TI) PC87570 Datasheet HTML 126Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 168 page
background image
Analog to Digital Converter (ADC) - January 1998
122
www.national.com
16.3 OPERATION MODES
The ADC supports four modes of automated operation, as
defined by SCAN and CONT of the ADCCNT2 Register. Ta-
ble 16-3 summarizes ADC operation in the various modes.
Channel and mode selection (CHANNEL, SCAN and CONT
of the ADCCNT2 Register) should be changed only when
no conversion is in progress (i.e., START of the ADCCNT2
Register and BUSY of the ADCST Register are both 0).
In the scan modes, CHANNEL points to the first channel to
be converted. The other three channels use a modulo-8
counting scheme (channel 7 is followed by channel 0).
Table 16-3. ADC Operation Modes
Mode
ADCCNT2
Register Bits
Description
SCAN CONT
One
Channel,
Single
Conversion
00
One conversion is performed for the channel specified by CHANNEL of the ADCCNT2
Register. When the conversion is completed:
q
The result is placed in the ADDATA0 Register.
q
START of the ADCCNT2 Register is cleared.
q
EOC of the ADCST Register is set.
q
The interrupt request signal is asserted (1) if INTE of the ADCCNT1 Register is set.
One
Channel,
Continuous
Conversion
0
1
Continuous conversions are performed for the channel specified by CHANNEL of the
ADCCNT2 Register. The next conversion starts only after a pause defined by DELAY of the
ADCCNT3 Register. The hardware does not clear START of the ADCCNT2 Register.
When a conversion is completed:
q
The consecutive results are placed in the four data registers cyclically, starting from
ADDATA0.
q
The last conversion result is pointed to by BUFPTR of the ADCST Register.
q
When all the four data registers are loaded, EOC of the ADCST Register is set.
q
If interrupts are enabled (INTE of the ADCCNT1 Register is set), an interrupt is issued to
the ICU.
Repetitive conversions are started until START of the ADCCNT2 Register is cleared by the
software. When this occurs:
q
Any currently executing conversion is completed.
q
EOC of the ADCST Register is set.
q
No new conversion is started.
q
The last conversion result is pointed to by BUFPTR of the ADCST Register.
Four
Channel
Scan,
Single
Conversion
10
A conversion is performed for four channels, starting with the channel defined in CHANNEL of
the ADCCNT2 Register. After completion of each conversion, the selector of the input
multiplexer is incremented. Conversion for the next channel is started after the sampling time
delay, defined by DELAY of the ADCCNT3 Register. The conversion stops after all four
channels are converted.
The following procedure is implemented:
q
The results are placed in the ADDATA0-3 Registers for channels 1-4, respectively.
q
When all four channels have been converted, START of the ADCCNT2 Register is cleared
by hardware, and EOC of the ADCST Register is set.
q
If INTE of the ADCCNT1 Register is set, an interrupt is issued.
Four
Channel
Scan,
Continuous
Conversion
1
1
Conversion of the selected four channels is continuously repeated. Each conversion cycle is
performed as in “Four Channel Scan, Single Conversion” mode, but the hardware does not
clear START of the ADCCNT2 Register.
When a conversion cycle is completed and if START is still set, a new four channel conversion
cycle is started. When the conversion of all four channels is completed:
q
START is not cleared.
q
EOC is set.
q
The interrupt signal is asserted if INTE=1.
Repetitive conversion cycles are started until the START bit is cleared by software. When this
occurs:
q
The currently executing conversion cycle of a 4-channel burst is completed.
q
EOC of the ADCST Register is set.
q
No new conversion is started.
q
The last conversion result is pointed to by BUFPTR of the ADCST Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com