Electronic Components Datasheet Search
  English  ▼

X  

PC87570 Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 122Page - National Semiconductor (TI) PC87570 Datasheet HTML 123Page - National Semiconductor (TI) PC87570 Datasheet HTML 124Page - National Semiconductor (TI) PC87570 Datasheet HTML 125Page - National Semiconductor (TI) PC87570 Datasheet HTML 126Page - National Semiconductor (TI) PC87570 Datasheet HTML 127Page - National Semiconductor (TI) PC87570 Datasheet HTML 128Page - National Semiconductor (TI) PC87570 Datasheet HTML 129Page - National Semiconductor (TI) PC87570 Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 168 page
background image
Analog to Digital Converter (ADC) - January 1998
126
www.national.com
16.5.3
Filtering the Noise on Input Signals
Input signals may be accompanied by unwanted noises
caused by the digital circuits they pass nearby. Optionally,
when converting slow changing signals in a noisy environ-
ment, a low pass filter (LPF) may be added externally. This
can be implemented simply by placing a low value capaci-
tor, C1, on the divider output shown in Figure 16-2. The cut-
off frequency of this LPF should be above the measured
signal frequency.
16.5.4
AD0-7 Multiplexing with PD0-7 Port
Analog input signals AD0-7 are multiplexed with digital input
signals PD0-7. These pins do not have internal pull-up re-
sistors and back-drive protection (see Section 16.5.1 on
page 125 for futher details).
Each pin function is selected by dedicated bits in the PDALT
Register (see Table 2-4 on page 26). If the voltage value on
the pins is between zero and the actual VCC/AVCC, the cur-
rent consumption is kept to a minimum, as follows:
q
Pins used as digital inputs (PD0-7, PDALT=00h):
If the CR16A core is not reading from the PDDIN Reg-
ister or the chip is in Idle mode, the input buffers of
port D are blocked.
q
Pins used as analog inputs, (AD0-7, PDALT=FFh):
If the chip is either in Active or Idle mode, the input im-
pedance of the pins is as defined in Table 19-5 on
page 134.
For ESD protection reasons, it is not recommended to leave
these pins open. See Table 19-3 on page 133 for their char-
acteristics.
16.5.5
Calculating the Sampling Time
The sampling time is the period between input selection in
the multiplexer and the conversion start (i.e., hold point).
Figure 16-5 shows the schematic of the input and its equiv-
alent R-C circuit. The sampling time should be long enough
to guarantee the settling of the voltage on the sampling ca-
pacitor, CS. The voltage on CS should be stable before it is
held for the duration of the conversion. The RAIN and CAIN
(see Section 19.3.1 on page 134) values represent the input
path serial resistance and parallel capacitance. RAIN is the
serial resistance of the multiplexer, Sample and Hold switch
and other parasitic resistors. CAIN is the parallel capaci-
tance of the input pin, pad, lead-frame, CS, etc. The re-
quired sampling time is determined by RAIN and CAIN
together with the input source resistance RSOURCE and par-
asitic capacitance CP. Table 16-7 can be used as a refer-
ence for calculating the sample time. The DELAY bit of the
ADCCNT3 Register should be programmed accordingly.
.
Table 16-7. Recommended Sampling Time
External
Elements
Sampling
Time [ns]
Number of ADC Clock Cycles
(min) as function of ADC Clock
(DELAY of ADCCNT3)
CP
[pF]
RS
[K
Ω]
1 MHz
(1000 ns)
500 KHz
(500 ns)
250 KHz
(250 ns)
5
0.1
15
1
1
1
1
110
1
1
1
10
900
1
2
4
30
3200
4
8
16
27.5
0.1
25
1
1
1
1
210
1
1
1
10
2220
4
8
16
30
7900
8
16
32
50
0.1
45
1
1
1
1
430
1
1
2
10
3350
4
8
16
30
11400
16
32
64
RAIN
CAIN
Input
Signal
RS
Figure 16-5. Analog Input Schematic Diagram
and Equivalent R-C Circuit
Cs
Sample
8:1
Analog
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
MUX
and Hold
VIN
RS
VIN
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com