Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 18Page - Texas Instruments TPS54521 Datasheet HTML 19Page - Texas Instruments TPS54521 Datasheet HTML 20Page - Texas Instruments TPS54521 Datasheet HTML 21Page - Texas Instruments TPS54521 Datasheet HTML 22Page - Texas Instruments TPS54521 Datasheet HTML 23Page - Texas Instruments TPS54521 Datasheet HTML 24Page - Texas Instruments TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
+
(
)
1
C11
2
R8 fc
=
× ×
×
p
ESR
R
Co
C6 =
R4
´
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
(16)
5. Type III compensation can be implemented with the addition of one capacitor, C11. This allows for slightly
higher loop bandwidths and higher phase margins. If used, C11 is calculated from Equation 17.
(17)
APPLICATION INFORMATION
Design Guide – Step-By-Step Design Procedure
This example details the design of a high frequency switching regulator using a Poscap output capacitor and
Type III frequency compensation. A few parameters must be known in order to start the design process.
These parameters are typically determined at the system level. For this example, we start with the following
known parameters:
Table 1.
Parameter
Value
Output Voltage
5 V
Output Current
5 A
Transient Response to a 3A load step
ΔVout = 1 % (50 mV)
Input Voltage
12 V nominal, 8 V to 17 V
Output Voltage Ripple
1.5% (75 mV p-p)
Start Input Voltage (Rising Vin)
6.806 V
Stop Input Voltage (Falling Vin)
4.824 V
Switching Frequency
700 kHz
Typical Application Schematic
The application schematic of Figure 34 was developed to meet the requirements above. The design procedure is
given in this section. For more information about Type II and Type III frequency compensation circuits, see
Designing Type III Compensation for Current Mode Step-Down Converters (SLVA352) and
Design Calculator (SLVC219).
Figure 34. Typical Application Circuit
22
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com