Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54521 Datasheet HTML 1Page - Texas Instruments TPS54521 Datasheet HTML 2Page - Texas Instruments TPS54521 Datasheet HTML 3Page - Texas Instruments TPS54521 Datasheet HTML 4Page - Texas Instruments TPS54521 Datasheet HTML 5Page - Texas Instruments TPS54521 Datasheet HTML 6Page - Texas Instruments TPS54521 Datasheet HTML 7Page - Texas Instruments TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
TPS54521
www.ti.com
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
THERMAL INFORMATION
TPS54521
THERMAL METRIC(1)(2)
QFN
UNITS
14 PINS
θJA
47.2
θJA
Junction-to-ambient thermal resistance(3)
32
θJCtop
Junction-to-case (top) thermal resistance
64.8
θJB
Junction-to-board thermal resistance
14.4
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
14.7
θJCbot
Junction-to-case (bottom) thermal resistance
3.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Power rating at a specific ambient temperature TA should be determined with a junction temperature of 125°C. This is the point where
distortion starts to substantially increase. Thermal management of the PCB should strive to keep the junction temperature at or below
125°C for best performance and long-term reliability. See power dissipation estimate in application section of this data sheet for more
information.
(3)
Test board conditions:
(a) 2.5 inches × 2.5 inches, 4 layers, thickness: 0.062 inch
(b) 2 oz. copper traces located on the top of the PCB
(c) 2 oz. copper ground planes on the 2 internal layers and bottom layer
(d) 4 0.010 inch thermal vias located under the device package
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com