Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments TPS54521 Datasheet HTML 32Page - Texas Instruments TPS54521 Datasheet HTML 33Page - Texas Instruments TPS54521 Datasheet HTML 34Page - Texas Instruments TPS54521 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
TPS54521
www.ti.com
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
Table 2. Bill of Materials (continued)
COUNT
RefDes
Value
Description
Size
Part Number
MFR
IC, 17V Input, 5A Output, Sync. Step Down
1
U1
TPS54521RHL
QFN14
TPS54521RHL
TI
Switcher With Integrated FET
PCB Layout Guidelines
Layout is a critical portion of good power supply design. See Figure 55 for a PCB layout example. The top layer
contains the main power traces for VIN, VOUT, and the PH node. Also on the top layer are connections for the
remaining pins of the TPS54521 and a large top side area filled with ground. The top layer ground area should
be connected to the internal ground layer(s) using vias at the input bypass capacitor, the output filter capacitor
and directly under the TPS54521 device to provide a thermal path from the exposed thermal pad land to ground.
The GND pin should be tied directly to the exposed thermal pad under the IC. For operation at full rated load, the
top side ground area together with the internal ground plane, must provide adequate heat dissipating area. There
are several signals paths that conduct fast changing currents or voltages that can interact with stray inductance
or parasitic capacitance to generate noise or degrade the power supply's performance. To help eliminate these
problems, the PVIN pin should be bypassed to ground with a low ESR ceramic bypass capacitor with X5R or
X7R dielectric. Care should be taken to minimize the loop area formed by the bypass capacitor connections, the
PVIN pins, and the ground connections. The VIN pin must also be bypassed to ground using a low ESR ceramic
capacitor with X5R or X7R dielectric. Make sure to connect this capacitor to the quiet analog ground trace rather
than the power ground trace of the PVIN bypass capacitor. Since the PH connection is the switching node, the
output inductor should be located close to the PH pins, and the area of the PCB conductor minimized to prevent
excessive capacitive coupling. The output filter capacitor ground should use the same power ground trace as the
PVIN input bypass capacitor. Try to minimize this conductor length while maintaining adequate width. The small
signal components should be grounded to the analog ground path as shown. The RT/CLK pin is sensitive to
noise so the RT resistor should be located as close as possible to the IC and routed with minimal lengths of
trace. The additional external components can be placed approximately as shown. It may be possible to obtain
acceptable performance with alternate PCB layouts. However, this layout has been shown to produce good
results and is meant as a guideline.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com