Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 3Page - Texas Instruments TPS54521 Datasheet HTML 4Page - Texas Instruments TPS54521 Datasheet HTML 5Page - Texas Instruments TPS54521 Datasheet HTML 6Page - Texas Instruments TPS54521 Datasheet HTML 7Page - Texas Instruments TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments TPS54521 Datasheet HTML 10Page - Texas Instruments TPS54521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ERROR
AMPLIFIER
Boot
Charge
UVLO
Current
Sense
Oscillator
with PLL
Slope
Compensation
and
Clamp
Voltage
Reference
VSENSE
SS/TR
COMP
RT/CLK
PH
BOOT
VIN
GND
Thermal
Shutdown
EN
Enable
Comparator
Shutdown
Logic
Shutdown
Enable
Threshold
Logic
Shutdown
PWRGD
Exposed Thermal Pad
Power Stage
& Deadtime
Control
Logic
LS MOSFET
Current Limit
OV
Minimum Clamp
Pulse Skip
Ip
Ih
PVIN
UV
HS MOSFET
Current
Comparator
Current
Sense
Regulator
VIN
Boot
UVLO
PH
GND
PVIN
Overload Recovery
Hiccup
Shutdown
Hiccup
Shutdown
TPS54521
www.ti.com
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com