Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 24Page - Texas Instruments TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments TPS54521 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Time = 1 sec / div
Vin = 200 mV / div (AC coupled)
Inductor Current = 2 A / div
PH = 10 V / div
Vin = 12 V
Time = 20 msec / div
Vout = 5 V / div
Inductor Current = 10 A / div
PH = 10 V / div
Vin = 12 V
Load = 0.4
SS/TR = 1 V / div
Time = 1 sec / div
Vout = 50 mV / div (AC coupled)
Inductor Current = 2 A / div
PH = 10 V / div
Vin = 12 V
Time = 200 sec / div
Vin = 10 V / div
EN = 2 V / div
SS/TR = 1 V / div
Vout = 2 V / div
Time = 2 msec / div
EN = 2 V / div
Vout = 2 V / div
Vout starting and stopping from 1 V pre-bias voltage
Time = 2 msec / div
Vin = 10 V / div
EN = 2 V / div
Vout = 2 V / div
SS/TR = 1 V / div
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
STARTUP and SHUTDOWN on EN
SHUTDOWN with VIN
with PRE-BIAS (1
Ω Load)
(1
Ω Load)
Figure 41.
Figure 42.
SHUTDOWN with EN
OUTPUT VOLTAGE RIPPLE
(1
Ω Load)
(1
Ω Load)
Figure 43.
Figure 44.
INPUT VOLTAGE RIPPLE
(1
Ω Load)
OVERCURRENT HICCUP MODE
Figure 45.
Figure 46.
28
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com