Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 25Page - Texas Instruments TPS54521 Datasheet HTML 26Page - Texas Instruments TPS54521 Datasheet HTML 27Page - Texas Instruments TPS54521 Datasheet HTML 28Page - Texas Instruments TPS54521 Datasheet HTML 29Page - Texas Instruments TPS54521 Datasheet HTML 30Page - Texas Instruments TPS54521 Datasheet HTML 31Page - Texas Instruments TPS54521 Datasheet HTML 32Page - Texas Instruments TPS54521 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
25
50
75
100
125
0
0.5
1
1.5
2
2.5
3
Pic - IC Power Dissipation - W
T = room temp
A
3.5
25
50
75
100
125
0
0.5
1
1.5
2
2.5
3.5
Pic - IC Power Dissipation - W
3
T = room temperature,
no air flow
A
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Track In Voltage - V
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
Ideal Vsense
Vout
Vsense
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0
1
1.5
2
2.5
3
3.5
4
4.5
Output Current - A
0.5
5
Vin = 8 V
Vin = 10 V
Vin = 12 V
Vin = 15 V
Vin = 17 V
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
8
9
10
11
12
13
14
15
16
17
Input Voltage - V
Iout = 2.5 A
Iout = 5 A
Iout = 0 A
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Frequency - Hz
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
Vin = 12 V
Load = 5 A
Phase
Gain
TPS54521
www.ti.com
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
CLOSED LOOP RESPONSE
LINE REGULATION
Figure 47.
Figure 48.
LOAD REGULATION
TRACKING PERFORMANCE
Figure 49.
Figure 50.
MAXIMUM AMBIENT TEMPERATURE
JUNCTION TEMPERATURE
vs
vs
IC POWER DISSIPATION
IC POWER DISSIPATION
Figure 51.
Figure 52.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com