Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 32Page - Texas Instruments TPS54521 Datasheet HTML 33Page - Texas Instruments TPS54521 Datasheet HTML 34Page - Texas Instruments TPS54521 Datasheet HTML 35Page - Texas Instruments TPS54521 Datasheet HTML 36Page - Texas Instruments TPS54521 Datasheet HTML 37Page - Texas Instruments TPS54521 Datasheet HTML 38Page - Texas Instruments TPS54521 Datasheet HTML 39Page - Texas Instruments TPS54521 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS54521RHLR
VQFN
RHL
14
3000
330.0
12.4
3.75
3.75
1.15
8.0
12.0
Q1
TPS54521RHLT
VQFN
RHL
14
250
180.0
12.4
3.75
3.75
1.15
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Oct-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com