Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 10Page - Texas Instruments TPS54521 Datasheet HTML 11Page - Texas Instruments TPS54521 Datasheet HTML 12Page - Texas Instruments TPS54521 Datasheet HTML 13Page - Texas Instruments TPS54521 Datasheet HTML 14Page - Texas Instruments TPS54521 Datasheet HTML 15Page - Texas Instruments TPS54521 Datasheet HTML 16Page - Texas Instruments TPS54521 Datasheet HTML 17Page - Texas Instruments TPS54521 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
0
50
100
150
200
250
200
300
400
500
600
700
800
900
Fsw - Oscillator Frequency - kHz
(
)
1.033
Rrt(k ) = 60728 Fsw kHz
-
W
×
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
In RT mode, a resistor (RT resistor) is connected between the RT/CLK pin and GND. The switching frequency of
the device is adjustable from 200 kHz to 900 kHz by using a maximum of 240 k
Ω and minimum of 53 kΩ
respectively. In CLK mode, an external clock is connected directly to the RT/CLK pin. The device is synchronized
to the external clock frequency with a PLL.
The CLK mode overrides the RT mode. The device is able to detect the proper mode automatically and switch
from the RT mode to CLK mode.
Adjustable Switching Frequency (RT Mode)
To determine the RT resistance for a given switching frequency, use Equation 4 or the curve in Figure 20. To
reduce the solution size, one would set the switching frequency as high as possible, but tradeoffs of the supply
efficiency and minimum controllable on time should be considered.
(4)
Figure 20. RT Set Resistor vs Switching Frequency
Synchronization (CLK mode)
An internal Phase Locked Loop (PLL) has been implemented to allow synchronization between 200kHz and
900kHz, and to easily switch from RT mode to CLK mode.
To implement the synchronization feature, connect a square wave clock signal to the RT/CLK pin with a duty
cycle between 20% to 80%. The clock signal amplitude must transition lower than 0.8V and higher than 2.0V.
The start of the switching cycle is synchronized to the falling edge of RT/CLK pin.
In applications where both RT mode and CLK mode are needed, the device can be configured as shown in
Figure 21. Before the external clock is present, the device works in RT mode and the switching frequency is set
by RT resistor. When the external clock is present, the CLK mode overrides the RT mode. The first time the
SYNC pin is pulled above the RT/CLK high threshold (2.0V), the device switches from the RT mode to the CLK
mode and the RT/CLK pin becomes high impedance as the PLL starts to lock onto the frequency of the external
clock. It is not recommended to switch from the CLK mode back to the RT mode, because the internal switching
frequency drops to 100kHz first before returning to the switching frequency set by RT resistor.
14
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com