Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 2Page - Texas Instruments TPS54521 Datasheet HTML 3Page - Texas Instruments TPS54521 Datasheet HTML 4Page - Texas Instruments TPS54521 Datasheet HTML 5Page - Texas Instruments TPS54521 Datasheet HTML 6Page - Texas Instruments TPS54521 Datasheet HTML 7Page - Texas Instruments TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments TPS54521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
13 BOOT
12 PH
11 PH
10 EN
9 SS/TR
GND 2
GND 3
PVIN 4
PVIN 5
VIN 6
7
8
1
14
RT/CLK
PWRGD
VSENSE
COMP
(15)
Exposed
Thermal Pad
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENTS
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
No.
RT/CLK
1
Automatically selects between RT mode and CLK mode. An external timing resistor adjusts the switching
frequency of the device; In CLK mode, the device synchronizes to an external clock.
GND
2, 3
Return for control circuitry and low-side power MOSFET.
PVIN
4, 5
Power input. Supplies the power switches of the power converter.
VIN
6
Supplies the control circuitry of the power converter.
VSENSE
7
Inverting input of the gm error amplifier.
COMP
8
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation to this
pin.
SS/TR
9
Slow-start and tracking. An external capacitor connected to this pin sets the internal voltage reference rise time.
The voltage on this pin overrides the internal reference. It can be used for tracking and sequencing.
EN
10
Enable pin. Float to enable. Adjust the input undervoltage lockout with two resistors.
PH
11, 12
The switch node.
BOOT
13
A bootstrap cap is required between BOOT and PH. The voltage on this cap carries the gate drive voltage for the
high-side MOSFET.
PWRGD
14
Open drain Power Good fault pin. Asserts low due to thermal shutdown, under-voltage, over-voltage, EN
shutdown, or during slow start.
Exposed
15
Thermal pad of the package and signal ground. It must be soldered down for proper operation.
Thermal
PAD
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com