Electronic Components Datasheet Search
  English  ▼

X  

TPS54521 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54521
Description  4.5V to 17V Input, 5A Synchronous Step Down Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54521 Datasheet HTML 4Page - Texas Instruments TPS54521 Datasheet HTML 5Page - Texas Instruments TPS54521 Datasheet HTML 6Page - Texas Instruments TPS54521 Datasheet HTML 7Page - Texas Instruments TPS54521 Datasheet HTML 8Page - Texas Instruments TPS54521 Datasheet HTML 9Page - Texas Instruments TPS54521 Datasheet HTML 10Page - Texas Instruments TPS54521 Datasheet HTML 11Page - Texas Instruments TPS54521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
En = 0 V
T = - 40 C
j
°
T = 25 C
j
°
T = 125 C
j
°
T – Junction Temperature – C
J
°
40
50
60
70
80
–50
–25
0
25
50
75
100
125
VIN = 12 V
EN = 1.3 V
T – Junction Temperature – C
J
°
0.795
0.797
0.799
0.801
0.803
–50
–25
0
25
50
75
100
125
0.805
T – Junction Temperature – C
J
°
470
475
480
485
490
–50
–25
0
25
50
75
100
125
495
500
RT = 100 k
T – Junction Temperature – C
J
°
VIN = 12 V
40
50
60
70
80
–50
–25
0
25
50
75
100
125
T – Junction Temperature – C
J
°
35
45
55
65
75
–50
–25
0
25
50
75
100
125
VIN = 12 V
TPS54521
SLVS981C – JUNE 2010 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS
CHARACTERISTIC CURVES
HIGH-SIDE Rdson vs TEMPERATURE
LOW-SIDE Rdson vs TEMPERATURE
Figure 1.
Figure 2.
VOLTAGE REFERENCE vs TEMPERATURE
OSCILLATOR FREQUENCY vs TEMPERATURE
Figure 3.
Figure 4.
SHUTDOWN QUIESCENT CURRENT vs
INPUT VOLTAGE
EN PIN HYSTERESIS CURRENT vs TEMPERATURE
Figure 5.
Figure 6.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links :TPS54521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com