Electronic Components Datasheet Search
  English  ▼

X  

HT68F002 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT68F002
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F002 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT68F002 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 119 page
background image
Rev. 1.41
48
April 11, 2017
Rev. 1.41
49
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
Bit2
LVRF:LVRfunctionresetflag
0:Notactive
1:Active
Thisbitcanbeclearto"0",butcannotbesetto"1".
Bit1
Unimplemented,readas"0"
Bit0
WRF:WDTControlregistersoftwareresetflag
Describeelsewhere
Watchdog Time-out Reset during Normal Operation
TheWatchdogtime-outResetduringnormaloperationisthesameasanLVRresetexceptthatthe
Watchdogtime-outflagTOwillbesetto"1".
t RS TD + t SST
WD T Ti me -o ut
In te r nal R es et
Note:tRSTDispower-ondelay,typicaltime=16.7ms
WDT Time-out Reset during Normal Operation Timing Chart
Watchdog Time-out Reset during SLEEP or IDLE Mode
TheWatchdogtime-outResetduringSLEEPorIDLEModeisalittledifferentfromotherkinds
ofreset.MostoftheconditionsremainunchangedexceptthattheProgramCounterandtheStack
Pointerwillbeclearedto"0"andtheTOflagwillbesetto"1".RefertotheA.C.Characteristicsfor
tSSTdetails.
t SST
WD T Ti me -o ut
In te r nal R es et
WDT Time-out Reset during SLEEP or IDLE Timing Chart
Reset Initial Conditions
Thedifferenttypesofresetdescribedaffecttheresetflagsindifferentways.Theseflags,known
asPDFandTOarelocatedinthestatusregisterandarecontrolledbyvariousmicrocontroller
operations,suchastheSLEEPorIDLEModefunctionorWatchdogTimer.Theresetflagsare
showninthetable:
TO
PDF
RESET Conditions
0
0
Power-on reset
u
u
LVR reset during NORMAL or SLOW Mode operation
1
u
WDT time-out reset during NORMAL or SLOW Mode operation
1
1
WDT time-out reset during IDLE or SLEEP Mode operation
Note:"u"standsforunchanged
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset, WDT begins counting
Timer Modules
Timer Modules will be turned off
Input/Output Ports
I/O ports will be setup as inputs
Stack Pointer
Stack Pointer will point to the top of the stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com