Electronic Components Datasheet Search
  English  ▼

X  

HT68F002 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT68F002
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F002 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT68F002 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 83Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 84Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 85Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 119 page
background image
Rev. 1.41
82
April 11, 2017
Rev. 1.41
83
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
Counter Value
0x3FF
CCRP
CCRA
PT1ON
PT1PAU
PT1POL
CCRP Int. Flag
PTMP1F
CCRA Int. Flag
PTMA1F
PTM O/P
Pin
Time
CCRA=0
CCRA = 0
Counter overflow
CCRA > 0 Counter cleared by CCRA value
Pause
Resume
Stop
Counter Restart
PT1CCLR = 1; PT1M [1:0] = 00
Output pin set to
initial Level Low
if PT1OC=0
Output Toggle with
PTMA1F flag
Note PT1IO [1:0] = 10
Active High Output select
Here PT1IO [1:0] = 11
Toggle Output select
Output not affected by
PTMA1F flag. Remains High
until reset by PT1ON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when PT1POL is high
PTMP1F not
generated
No PTMA1F
flag generated
on CCRA
overflow
Output does
not change
Compare Match Output Mode – PT1CCLR = 1
Note:1.WithPT1CCLR=1–aComparatorAmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybythePTMA1Fflag
3.TheoutputpinisresettoinitialstatebyaPT1ONrisingedge
4.ThePTMP1FflagisnotgeneratedwhenPT1CCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com