| Electronic Components Datasheet Search |
|
HT68F002 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F002 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc |
|
8 / 119 page ![]() Rev. 1.41 8 April 11, 2017 Rev. 1.41 9 April 11, 2017 HT68F002/HT68F0025/HT68F003 Cost-Effective Flash MCU with EEPROM HT68F002/HT68F0025/HT68F003 Cost-Effective Flash MCU with EEPROM Pin Description Withtheexceptionofthepowerpinsandsomerelevanttransformercontrolpins,allpinsonthese devicescanbereferencedbytheirPortname,e.g.PA0,PA1etc,whichrefertothedigitalI/O functionofthepins.HoweverthesePortpinsarealsosharedwithotherfunctionsuchastheAnalog toDigitalConverter,TimerModulepinsetc.Thefunctionofeachpinislistedinthefollowingtable, howeverthedetailsbehindhoweachpinisconfigurediscontainedinothersectionsofthedatasheet. HT68F002/HT68F0025 Pin Name Function OPT I/T O/T Description PA0/[STP0]/ [STP0I]/ICPDA PA0 PAWU PAPU PASR ST CMOS General purpose I/O. Register enabled pull-up and wake-up STP0 PASR — CMOS TM0 (STM) output STP0I PASR IFS0 ST — TM0 (STM) input ICPDA — ST CMOS ICP Data Line PA1/[STP0B] PA1 PAWU PAPU PASR ST CMOS General purpose I/O. Register enabled pull-up and wake-up STP0B PASR — CMOS TM0 (STM) inverting output PA2/[INT]/STP0 PA2 PAWU PAPU PASR ST CMOS General purpose I/O. Register enabled pull-up and wake-up INT PASR IFS0 ST — External interrupt input STP0 PASR — CMOS TM0 (STM) output PA3/[INT] PA3 PAWU PAPU PASR ST CMOS General purpose I/O. Register enabled pull-up and wake-up INT PASR IFS0 ST — External interrupt input PA4 PA4 PAWU PAPU ST CMOS General purpose I/O. Register enabled pull-up and wake-up PA5/INT/STP0B PA5 PAWU PAPU PASR ST CMOS General purpose I/O. Register enabled pull-up and wake-up INT PASR IFS0 ST — External interrupt input STP0B PASR — CMOS TM0 (STM) inverting output PA6/STP0I/ [STCK0] PA6 PAWU PAPU ST CMOS General purpose I/O. Register enabled pull-up and wake-up STP0I IFS0 ST — TM0 (STM) input STCK0 IFS0 ST — TM0 (STM) clock input PA7/[INT]/STCK0/ RES/ICPCK PA7 PAWU PAPU ST CMOS General purpose I/O. Register enabled pull-up and wake-up INT IFS0 ST — External interrupt input STCK0 IFS0 ST — TM0 (STM) clock input RES RSTC ST — External reset input ICPCK — ST CMOS ICP Clock Line VDD VDD — PWR — Digital positive power supply VSS VSS — PWR — Digital negative power supply OCDSCK OCDSCK — ST — On Chip Debug System Clock Line (OCDS EV only) OCDSDA OCDSDA — ST CMOS On Chip Debug System Data Line (OCDS EV only) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |