Electronic Components Datasheet Search
  English  ▼

X  

HT68F002 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT68F002
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F002 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT68F002 Datasheet HTML 76Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 77Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 83Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 119 page
background image
Rev. 1.41
80
April 11, 2017
Rev. 1.41
81
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
PTM1RPH Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas"0"
Bit1~0
PTM1RPH:PTMCCRPHighByteRegisterbit1~bit0
PTM10-bitCCRPbit9~bit8
Periodic Type TM Operating Modes
ThePeriodicTypeTMcanoperateinoneoffiveoperatingmodes,CompareMatchOutputMode,
PWMOutputMode,SinglePulseOutputMode,CaptureInputModeorTimer/CounterMode.The
operatingmodeisselectedusingthePT1M1andPT1M0bitsinthePTM1C1register.
Compare Match Output Mode
Toselectthismode,bitsPT1M1andPT1M0inthePTM1C1register,shouldbeallclearedto
00respectively.Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythree
methods.Theseareacounteroverflow,acomparematchfromComparatorAandacomparematch
fromComparatorP.WhenthePT1CCLRbitislow,therearetwowaysinwhichthecountercanbe
cleared.OneiswhenacomparematchoccursfromComparatorP,theotheriswhentheCCRPbits
areallzerowhichallowsthecountertooverflow.HereboththePTMA1FandPTMP1Finterrupt
requestflagsforComparatorAandComparatorPrespectively,willbothbegenerated.
IfthePT1CCLRbitinthePTM1C1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlythePTMA1Finterruptrequestflagwill
begeneratedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Therefore
whenPT1CCLRishighnoPTMP1Finterruptrequestflagwillbegenerated.IntheCompare
MatchOutputMode,theCCRAcannotbesetto"0".IftheCCRAbitsareallzero,thecounterwill
overflowwhenitsreachesitsmaximum10-bit,3FFHex,value,howeverherethePTMA1Finterrupt
requestflagwillnotbegenerated.
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpin,willchangestate.
TheTMoutputpinconditionhoweveronlychangesstatewhenaPTMA1Finterruptrequestflagis
generatedafteracomparematchoccursfromComparatorA.ThePTMP1Finterruptrequestflag,
generatedfromacomparematchfromComparatorP,willhavenoeffectontheTMoutputpin.
ThewayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionofthePT1IO1
andPT1IO0bitsinthePTM1C1register.TheTMoutputpincanbeselectedusingthePT1IO1
andPT1IO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacompare
matchoccursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupafter
thePT1ONbitchangesfromlowtohigh,issetupusingthePT1OCbit.NotethatifthePT1IO1,
PT1IO0bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com