Electronic Components Datasheet Search
  English  ▼

X  

HT68F002 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT68F002
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F002 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT68F002 Datasheet HTML 63Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 64Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 65Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 66Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 67Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 68Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 69Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 70Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 119 page
background image
Rev. 1.41
66
April 11, 2017
Rev. 1.41
67
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
CCRA
CCRP
0x3FF
CCRA Int.
Flag STMP0F
CCRP Int.
FlagSTMA0F
CCRA > 0 Counter cleared by CCRA value
STM O/P Pin
ST0ON
Pause
Counter Reset
Output Pin set
to Initial Level
Low if ST0OC= 0
Output Toggle
with STMA0F flag
Here ST0IO[1:0] = 11
Toggle Output Select
Now ST0IO[1:0] = 10
Active High Output Select
Output not affected by
STMA0F flag. Remains High
until reset by ST0ON bit
ST0CCLR = 1; ST0M[1:0] = 00
ST0PAU
Resume
Stop
Time
CCRA = 0
ST0POL
Output Pin
Reset to initial value
Output inverts
when ST0POL is high
Output controlled
by other pin-shared function
Counter Value
Output does
not change
No STMA0F flag
generated on
CCRA overflow
CCRA = 0
Counter overflow
STMP0F not
generated
Compare Match Output Mode – ST0CCLR = 1
Note:1.WithST0CCLR=1aComparatorAmatchwillclearthecounter
2.TheTMoutputpincontrolledonlybytheSTMA0Fflag
3.TheoutputpinresettoinitialstatebyaST0ONrisingedge
4.TheSTMP0FflagisnotgeneratedwhenST0CCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com