Electronic Components Datasheet Search
  English  ▼

X  

HT68F002 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT68F002
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F002 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT68F002 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 24Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 25Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 26Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 27Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 28Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 119 page
background image
Rev. 1.41
24
April 11, 2017
Rev. 1.41
25
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
Bank Pointer – BP
Forthisseriesofdevices,theDataMemoryisdividedintotwobanks,Bank0andBank1.Selecting
therequiredDataMemoryareaisachievedusingtheBankPointer.Bit0oftheBankPointerisused
toselectDataMemoryBanks0~1.
TheDataMemoryisinitialisedtoBank0afterareset,exceptforaWDTtime-outresetinthePower
DownMode,inwhichcase,theDataMemorybankremainsunaffected.Itshouldbenotedthatthe
SpecialFunctionDataMemoryisnotaffectedbythebankselection,whichmeansthattheSpecial
FunctionRegisterscanbeaccessedfromwithinanybank.DirectlyaddressingtheDataMemory
willalwaysresultinBank0beingaccessedirrespectiveofthevalueoftheBankPointer.Accessing
datafromBank1mustbeimplementedusingIndirectAddressing.
BP Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
DMBP0
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas"0"
Bit0
DMBP0:SelectDataMemoryBanks
0:Bank0
1:Bank1
Accumulator – ACC
TheAccumulatoriscentraltotheoperationofanymicrocontrollerandiscloselyrelatedwith
operationscarriedoutbytheALU.TheAccumulatoristheplacewhereallintermediateresults
fromtheALUarestored.WithouttheAccumulatoritwouldbenecessarytowritetheresultof
eachcalculationorlogicaloperationsuchasaddition,subtraction,shift,etc.,totheDataMemory
resultinginhigherprogrammingandtimingoverheads.Datatransferoperationsusuallyinvolve
thetemporarystoragefunctionoftheAccumulator;forexample,whentransferringdatabetween
oneuser-definedregisterandanother,itisnecessarytodothisbypassingthedatathroughthe
Accumulatorasnodirecttransferbetweentworegistersispermitted.
Program Counter Low Register – PCL
Toprovideadditionalprogramcontrolfunctions,thelowbyteoftheProgramCounterismade
accessibletoprogrammersbylocatingitwithintheSpecialPurposeareaoftheDataMemory.By
manipulatingthisregister,directjumpstootherprogramlocationsareeasilyimplemented.Loading
avaluedirectlyintothisPCLregisterwillcauseajumptothespecifiedProgramMemorylocation,
however,astheregisterisonly8-bitwide,onlyjumpswithinthecurrentProgramMemorypageare
permitted.Whensuchoperationsareused,notethatadummycyclewillbeinserted.
Look-up Table Registers – TBLP, TBLH
Thesetwospecialfunctionregistersareusedtocontroloperationofthelook-uptablewhichis
storedintheProgramMemory.TBLPisthetablepointerandindicatethelocationwherethetable
dataislocated.Itsvaluemustbesetupbeforeanytablereadcommandsareexecuted.Itsvalue
canbechanged,forexampleusingthe"INC"or"DEC"instructions,allowingforeasytabledata
pointingandreading.TBLHisthelocationwherethehighorderbyteofthetabledataisstored
afteratablereaddatainstructionhasbeenexecuted.Notethatthelowerordertabledatabyteis
transferredtoauserdefinedlocation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com