Electronic Components Datasheet Search
  English  ▼

X  

HT68F002 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT68F002
Description  Cost-Effective Flash MCU with EEPROM
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F002 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT68F002 Datasheet HTML 59Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 60Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 61Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 62Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 63Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 64Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 65Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 66Page - Holtek Semiconductor Inc HT68F002 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 119 page
background image
Rev. 1.41
62
April 11, 2017
Rev. 1.41
63
April 11, 2017
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
HT68F002/HT68F0025/HT68F003
Cost-Effective Flash MCU with EEPROM
IntheCompareMatchOutputMode,theST0IO1~ST0IO0bitsdeterminehowtheTM
outputpinchangesstatewhenacomparematchoccursfromtheComparatorA.The
TMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresentstate
whenacomparematchoccursfromtheComparatorA.WhentheST0IO1~ST0IO0
bitsarebothzero,thennochangewilltakeplaceontheoutput.Theinitialvalueof
theTMoutputpinshouldbesetupusingtheST0OCbit.Notethattheoutputlevel
requestedbytheST0IO1~ST0IO0bitsmustbedifferentfromtheinitialvaluesetup
usingtheST0OCbitotherwisenochangewilloccurontheTMoutputpinwhena
comparematchoccurs.AftertheTMoutputpinchangesstateitcanberesettoits
initiallevelbychangingtheleveloftheST0ONbitfromlowtohigh.
InthePWMMode,theST0IO1andST0IO0bitsdeterminehowtheTMoutputpin
changesstatewhenacertaincomparematchconditionoccurs.ThePWMoutput
functionismodifiedbychangingthesetwobits.Itisnecessarytochangethevaluesof
theST0IO1andST0IO0bitsonlyaftertheTMhasbeenswitchedoff.Unpredictable
PWMoutputswilloccuriftheST0IO1andST0IO0bitsarechangedwhentheTMis
running.
bit3
ST0OC:STM0Outputcontrolbit
CompareMatchOutputMode
0:Initiallow
1:Initialhigh
PWMoutputMode/SinglePulseOutputMode
0:Activelow
1:Activehigh
ThisistheoutputcontrolbitfortheSTMoutputpin.Itsoperationdependsupon
whetherSTMisbeingusedintheCompareMatchOutputModeorinthePWMoutput
Mode/SinglePulseOutputMode.IthasnoeffectiftheSTMisintheTimer/Counter
Mode.IntheCompareMatchOutputModeitdeterminesthelogicleveloftheSTM
outputpinbeforeacomparematchoccurs.InthePWMoutputModeitdetermines
ifthePWMsignalisactivehighoractivelow.IntheSinglePulseOutputModeit
determinesthelogicleveloftheSTMoutputpinwhentheST0ONbitchangesfrom
lowtohigh.
bit2
ST0POL:STM0OutputpolarityControl
0:Non-invert
1:Invert
ThisbitcontrolsthepolarityoftheSTM0outputpin.WhenthebitissethightheSTM
outputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasnoeffectifthe
STMisintheTimer/CounterMode.
bit1
ST0DPX:STM0PWMperiod/dutyControl
0:CCRP–period;CCRA–duty
1:CCRP–duty;CCRA–period
Thisbit,determineswhichoftheCCRAandCCRPregistersareusedforperiodand
dutycontrolofthePWMwaveform.
bit0
ST0CCLR:SelectSTM0Counterclearcondition
0:STM0ComparatorPmatch
1:STM0ComparatorAmatch
Thisbitisusedtoselectthemethodwhichclearsthecounter.Rememberthatthe
StandardSTMcontainstwocomparators,ComparatorAandComparatorP,eitherof
whichcanbeselectedtocleartheinternalcounter.WiththeST0CCLRbitsethigh,
thecounterwillbeclearedwhenacomparematchoccursfromtheComparatorA.
Whenthebitislow,thecounterwillbeclearedwhenacomparematchoccursfrom
theComparatorPorwithacounteroverflow.Acounteroverflowclearingmethodcan
onlybeimplementediftheCCRPbitsareallclearedtozero.TheST0CCLRbitisnot
usedinthePWMoutputmode,SinglePulseorInputCaptureMode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com