Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 52Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 53Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 54Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 55Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 56Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 57Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 58Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 59Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 172 page
background image
Rev. 1.20
�6
�a��� 2�� 201�
Rev. 1.20
�7
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.These
pull-highresistorsareselectedusingregistersPAPU~PDPU,andareimplementedusingweak
PMOStransistors.
Port A Wake-up
TheHALTinstructionforcesthemicrocontrollerintotheSLEEPorIDLEModewhichpreserves
power,afeaturethatisimportantforbatteryandotherlow-powerapplications.Variousmethods
existtowake-upthemicrocontroller,oneofwhichistochangethelogicconditionononeofthePort
Apinsfromhightolow.Thisfunctionisespeciallysuitableforapplicationsthatcanbewokenup
viaexternalswitches.EachpinonPortAcanbeselectedindividuallytohavethiswake-upfeature
usingthePAWUregister.
I/O Port Control Registers
EachPorthasitsowncontrolregister,knownasPAC~PDC,whichcontrolstheinput/output
configuration.Withthiscontrolregister,eachI/Opinwithorwithoutpull-highresistorscanbe
reconfigureddynamicallyundersoftwarecontrol.FortheI/Opintofunctionasaninput,the
correspondingbitofthecontrolregistermustbewrittenasa"1".Thiswillthenallowthelogicstate
oftheinputpintobedirectlyreadbyinstructions.Whenthecorrespondingbitofthecontrolregister
iswrittenasa"0",theI/OpinwillbesetupasaCMOSoutput.Ifthepiniscurrentlysetupasan
output,instructionscanstillbeusedtoreadtheoutputregister.
However,itshouldbenotedthattheprogramwillinfactonlyreadthestatusoftheoutputdatalatch
andnottheactuallogicstatusoftheoutputpin.
Pin-shared Functions
Theflexibilityofthemicrocontrollerrangeisgreatlyenhancedbytheuseofpinsthathavemore
thanonefunction.Limitednumbersofpinscanforceseriousdesignconstraintsondesignersbutby
supplyingpinswithmulti-functions,manyofthesedifficultiescanbeovercome.Forthesepins,the
chosenfunctionofthemulti-functionI/Opinsisselectedbyaseriesofregitersviatheapplication
programcontrol.
Register
Name
Bit
7
6
5
4
3
2
1
0
PAFS0
PAFS07
PAFS06
PAFS0�
PAFS04
PAFS03
PAFS02
PAFS01
PAFS00
PAFS1
PAFS17
PAFS16
PAFS1�
PAFS14
PAFS13
PAFS12
PAFS11
PAFS10
PBFS0
PBFS07 PBFS06 PBFS0� PBFS04 PBFS03 PBFS02 PBFS01 PBFS00
PBFS1
PBFS17 PBFS16 PBFS1� PBFS14 PBFS13 PBFS12
PBFS11
PBFS10
PCFS0
PCFS07 PCFS06 PCFS0� PCFS04 PCFS03 PCFS02 PCFS01 PCFS00
PCFS1
PCFS17 PCFS16 PCFS1� PCFS14 PCFS13 PCFS12 PCFS11 PCFS10
PDFS0
—
—
—
—
PDFS03 PDFS02 PDFS01 PDFS00
Pin-shared Function Selection Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com