Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 88Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 89Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 90Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 91Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 92Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 93Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 94Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 95Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 172 page
background image
Rev. 1.20
92
�a��� 2�� 201�
Rev. 1.20
93
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Enhanced Type TM – ETM
TheEnhancedTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,
Timer/EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheEnhanced
TMcanalsobecontrolledwithanexternalinputpinandcandrivetwoexternaloutputpins.
TM Type
TM Input Pin
TM Output Pin
10-bit ET�
ETCK� ETPIA. ETPIB
ETPA� ETPB
Enhanced TM Operation
Atitscoreisa10-bitcount-up/count-downcounterwhichisdrivenbyauserselectableinternal
orexternalclocksource.Therearethreeinternalcomparatorswiththenames,ComparatorA,
ComparatorBandComparatorP.Thesecomparatorswillcomparethevalueinthecounterwiththe
CCRA,CCRBandCCRPregisters.TheCCRPcomparatoris3-bitswidewhosevalueiscompared
withthehighest3-bitsinthecounterwhileCCRAandCCRBare10-bitswideandtherefore
comparedwithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheETONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheEnhanced
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontroloutputpins.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.
CCR P
CCR A
ET CC LR
Co m par at or P M at ch
Co m par at or A Ma tc h
ET CK 2~ ET CK 0
ET ON
ET PA U
b7~ b9
3- bi t Co m par at or P
10- bi t
Co m par at or A
Co unt er
Cl ear
10- bi t U p/ Do wn C ount er
ET MP F In te rru pt
ET MA F
In te rru pt
ET PA P in
I npu t/ Ou tp u t
b0~ b9
E dge
De te ct or
ET AI O1 , ET AI O0
ET AM 1, E TA M0
ET AI O1 , ET AI O0
ET AP OL
ET AO C
Po la ri ty
C ont ro l
Ou tp u t
C ont ro l
ET PA
ET CK
111
000
001
010
011
100
101
110
f SYS /4
f SYS
f H /1 6
f H /6 4
f SU B
f SU B
ET MB F
In te rru pt
ET PB P in
I npu t/ Ou tp u t
ET BM 1, E TB M0
ET BI O1 , ET BI O0
ET BP OL
ET BO C
Po la ri ty
C ont ro l
Ou tp u t
C ont ro l
CCR B
Co m par at or B Ma tc h
10- bi t
Co m par at or B
E dge
De te ct or
ET BI O1 , ET BI O0
ET PB
0
1
ET PI A
ET PI B
Enhanced Type TM Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com