Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 33Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 34Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 36Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 37Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 38Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 39Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 40Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 172 page
background image
Rev. 1.20
36
�a��� 2�� 201�
Rev. 1.20
37
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
System Operation Modes
Therearesixdifferentmodesofoperationforthemicrocontroller,eachonewithitsown
specialcharacteristicsandwhichcanbechosenaccordingtothespecificperformanceand
powerrequirementsoftheapplication.Therearetwomodesallowingnormaloperationofthe
microcontroller,theNORMALModeandSLOWMode.Theremainingfourmodes,theSLEEP0,
SLEEP1,IDLE0andIDLE1ModeareusedwhenthemicrocontrollerCPUisswitchedoffto
conservepower.
Operating Mode
Description
CPU
fSYS
fSUB
NOR�AL �ode
On
fH~fH/64
On
SLOW �ode
On
fSUB
On
IDLE0 �ode
Off
Off
On
IDLE1 �ode
Off
On
On
SLEEP0 �ode
Off
Off
Off
SLEEP1 �ode
Off
Off
On
NORMAL Mode
Asthenamesuggeststhisisoneofthemainoperatingmodeswherethemicrocontrollerhasallof
itsfunctionsoperationalandwherethesystemclockisprovidedbyoneofthehighspeedoscillators.
Thismodeoperatesallowingthemicrocontrollertooperatenormallywithaclocksourcewillcome
fromoneofthehighspeedoscillators,eithertheHXTorHIRCoscillators.Thehighspeedoscillator
willhoweverfirstbedividedbyaratiorangingfrom1to64,theactualratiobeingselectedbythe
CKS2~CKS0andHLCLKbitsintheSMODregister.Althoughahighspeedoscillatorisused,
runningthemicrocontrolleratadividedclockratioreducestheoperatingcurrent.
SLOW Mode
Thisisalsoamodewherethemicrocontrolleroperatesnormallyalthoughnowwithaslowerspeed
clocksource.Theclocksourceusedwillbefromoneofthelowspeedoscillators,eithertheLXT
ortheLIRC.Runningthemicrocontrollerinthismodeallowsittorunwithmuchloweroperating
currents.IntheSLOWMode,thefHisoff.
SLEEP0 Mode
TheSLEEPModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitinthe
SMODregisterislow.IntheSLEEP0modetheCPUwillbestopped,andthefSUBclockwillbe
stoppedtoo,andtheWatchdogTimerfunctionisdisabled.Inthismode,theLVDENismustsetto
"0".IftheLVDENissetto"1",itwon'tentertheSLEEP0Mode.
SLEEP1 Mode
TheSLEEP1ModeisenteredwhenanHALTinstructionisexecutedandwhentheIDLENbitin
theSMODregisterislow.IntheSLEEP1modetheCPUwillbestopped.HoweverthefSUBwill
continuetooperateiftheLVDENis"1"ortheWatchdogTimerfunctionisenabledasitsclock
sourceisfromthefSUB.
IDLE0 Mode
TheIDLE0ModeisenteredwhenaHALTinstructionisexecutedandwhentheIDLENbitinthe
SMODregisterishighandtheFSYSONbitintheSMOD1registerislow.IntheIDLE0Modethe
systemoscillatorwillbeinhibitedfromdrivingtheCPUbutsomeperipheralfunctionswillremain
operationalsuchastheWatchdogTimerandTMs.IntheIDLE0Mode,thesystemoscillatorwillbe
stoppedwhiletheWatchdogTimerclock,fSUB,willbeon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com