Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 63Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 64Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 65Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 66Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 67Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 68Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 69Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 70Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 172 page
background image
Rev. 1.20
66
�a��� 2�� 201�
Rev. 1.20
67
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Compact Type TM – CTM
AlthoughthesimplestformofthethreeTMtypes,theCompactTMtypestillcontainsthree
operatingmodes,whichareCompareMatchOutput,Timer/EventCounterandPWMOutputmodes.
TheCompactTMcanalsobecontrolledwithanexternalinputpinandcandriveoneexternaloutput
pins.
TM Type
TM Input Pin TM Output Pin
10-bit CT�
CTCK
CTP
CCR P
CCR A
CT CCL R
Co m par at or P M at ch
Co m par at or A Ma tc h
CT CK 2~ CT CK 0
CT ON
CT PA U
b7~ b9
3 -b it C om par at or P
CT CK
10 -b it C om par at or A
C oun te r Cl ear
10- bi t C oun t- up C oun te r
CT MP F In te rr upt
CT MA F In te rr upt
CT P Pi n
Ou tp ut
b0~ b9
CT M1 , C TM 0
CT IO 1, C TI O0
CT PO L
CT OC
Po la ri ty
Co n tr ol
Ou tp ut
Co n tr ol
CT P
111
000
001
010
011
100
101
110
f SYS /4
f SYS
f H /1 6
f H /6 4
f SU B
f SU B
0
1
Compact Type TM Block Diagram (n=0)
Compact TM Operation
Atitscoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternalorexternalclock
source.Therearealsotwointernalcomparatorswiththenames,ComparatorAandComparator
P.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRAregisters.The
CCRPisthreebitswidewhosevalueiscomparedwiththehighestthreebitsinthecounterwhilethe
CCRAisthetenbitsandthereforecompareswithallcounterbits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheCTONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aTMinterruptsignalwillalsousuallybegenerated.TheCompact
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com