Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 91Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 92Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 93Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 94Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 95Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 96Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 97Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 98Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 172 page
background image
Rev. 1.20
94
�a��� 2�� 201�
Rev. 1.20
9�
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
ETMC1 Register
Bit
7
6
5
4
3
2
1
0
Name
ETA�1
ETA�0
ETAIO1
ETAIO0
ETAOC
ETAPOL
ETCDN ETCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
ETAM1~ETAM0:SelectETMCCRAOperatingMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheTM.Toensurereliableoperation
theTMshouldbeswitchedoffbeforeanychangesaremadetotheETAM1and
ETAM0bits.IntheTimer/CounterMode,theTMoutputpinisnotused.
Bit5~4
ETAIO1~ETAIO0:SelectETPAorETPIApinoutputfunction
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMMode/SinglePulseOutputMode
00:PWMoutputinactivestate
01:PWMoutputactivestate
10:PWMoutput
11:Singlepulseoutput
CaptureInputMode
00:InputcaptureatrisingedgeofETPIA
01:InputcaptureatfallingedgeofETPIA
10:Inputcaptureatfalling/risingedgeofETPIA
11:Inputcapturedisabled
Timer/counterMode
Unused
ThesetwobitsareusedtodeterminehowtheTMoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheTMisrunning.
IntheCompareMatchOutputMode,theETAIO1andETAIO0bitsdeterminehow
theTMoutputpinchangesstatewhenacomparematchoccursfromtheComparator
A.TheTMoutputpincanbesetuptoswitchhigh,switchlowortotoggleitspresent
statewhenacomparematchoccursfromtheComparatorA.Whenthebitsareboth
zero,thennochangewilltakeplaceontheoutput.TheinitialvalueoftheTMoutput
pinshouldbesetupusingtheETAOCbitintheETMC1register.Notethattheoutput
levelrequestedbytheETAIO1andETAIO0bitsmustbedifferentfromtheinitial
valuesetupusingtheETAOCbitotherwisenochangewilloccurontheTMoutputpin
whenacomparematchoccurs.AftertheTMoutputpinchangesstate,itcanbereset
toitsinitiallevelbychangingtheleveloftheETONbitfromlowtohigh.
InthePWMMode,theETAIO1andETAIO0bitsdeterminehowtheTMoutput
pinchangesstatewhenacertaincomparematchconditionoccurs.ThePWMoutput
functionismodifiedbychangingthesetwobits.Itisnecessarytoonlychangethe
valuesoftheETAIO1andETAIO0bitsonlyaftertheTMnhasbeenswitchedoff.
UnpredictablePWMoutputswilloccuriftheETAIO1andETAIO0bitsarechanged
whentheTMisrunning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com