Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 30Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 31Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 32Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 33Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 34Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 35Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 36Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 37Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 172 page
background image
Rev. 1.20
34
�a��� 2�� 201�
Rev. 1.20
3�
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
External 32.768kHz Crystal Oscillator – LXT
TheExternal32.768kHzCrystalSystemOscillatorisoneofthelowfrequencyoscillatorchoices,
whichisselectedviaconfigurationoption.Thisclocksourcehasafixedfrequencyof32.768kHz
andrequiresa32.768kHzcrystaltobeconnectedbetweenpinsXT1andXT2.Theexternalresistor
andcapacitorcomponentsconnectedtothe32.768kHzcrystalarenecessarytoprovideoscillation.
Forapplicationswhereprecisefrequenciesareessential,thesecomponentsmayberequiredto
providefrequencycompensationduetodifferentcrystalmanufacturingtolerances.Duringpower-up
thereisatimedelayassociatedwiththeLXToscillatorwaitingforittostart-up.
WhenthemicrocontrollerenterstheSLEEPorIDLEMode,thesystemclockisswitchedofftostop
microcontrolleractivityandtoconservepower.However,inmanymicrocontrollerapplicationsit
maybenecessarytokeeptheinternaltimersoperationalevenwhenthemicrocontrollerisinthe
SLEEPorIDLEMode.Todothis,anotherclock,independentofthesystemclock,mustbeprovided.
However,forsomecrystals,toensureoscillationandaccuratefrequencygeneration,itisnecessary
toaddtwosmallvalueexternalcapacitors,C1andC2.TheexactvaluesofC1andC2shouldbe
selectedinconsultationwiththecrystalorresonatormanufacturer'sspecification.Theexternal
parallelfeedbackresistor,Rp,isrequired.
SomeconfigurationoptionsdetermineiftheXT1/XT2pinsareusedfortheLXToscillatororasI/O
pins.
• IftheLXToscillatorisnotusedforanyclocksource,theXT1/XT2pinscanbeusedas
normalI/Opins.
• IftheLXToscillatorisusedforanyclocksource,the32.768kHzcrystalshouldbeconnectedto
theXT1/XT2pins.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttoensure
thatthecrystalandanyassociatedresistorsandcapacitorsalongwithinterconnectinglinesareall
locatedasclosetotheMCUaspossible.
To i nt er na l
ci rc ui ts
In te rn al
O sc illa to r
Ci rc ui t
C1
C2
Rp
No te :1 . Rp , C1 a nd C2 a re r e qui re d.
2. A lt hough n ot s ho wn p in s ha ve a p ar as it ic c apac it anc e
o f ar ound 7pF .
In te r nal R C
Os c illa to r
32 .7 68 kH z
XT 1
XT 2
External LXT Oscillator
LXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
32.768kHz
10pF
10pF
Note:1. C1 and C2 values a�e fo� guidan�e only.
2. RP=��~10M٠is recommended.
32.768kHz Crystal Recommended Capacitor Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com