Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 98 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 98 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 94Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 95Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 96Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 97Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 98Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 99Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 100Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 101Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 102Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 172 page
background image
Rev. 1.20
98
�a��� 2�� 201�
Rev. 1.20
99
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Bit3
ETBOC:ETPBOutputcontrolbit
CompareMatchOutputMode
0:Initiallow
1:Initialhigh
PWMMode/SinglePulseOutputMode
0:Activelow
1:Activehigh
ThisistheoutputcontrolbitfortheETPBoutputpin.Itsoperationdependsupon
whetherTMisbeingusedintheCompareMatchOutputModeorinthePWMMode/
SinglePulseOutputMode.IthasnoeffectiftheTMisintheTimer/CounterMode.In
theCompareMatchOutputModeitdeterminesthelogicleveloftheTMoutputpin
beforeacomparematchoccurs.InthePWMModeitdeterminesifthePWMsignalis
activehighoractivelow.
Bit2
ETBPOL:ETPBOutputpolarityControl
0:Non-invert
1:Invert
ThisbitcontrolsthepolarityoftheETPBoutputpin.WhenthebitissethightheTM
outputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasnoeffectifthe
TMisintheTimer/CounterMode.
Bit1~0
ETPWM1~ETPWM0:SelectETMPWMmode
00:Edgealigned
01:Centrealigned,comparematchoncountup
10:Centrealigned,comparematchoncountdown
11:Centrealigned,comparematchoncountupordown
ETMDL Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D�
D4
D3
D2
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
ETMDL:ETMCounterLowByteRegisterbit7~bit0
ETM10-bitCounterbit7~bit0
ETMDH Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R
R
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas"0"
Bit1~0
ETMDH:ETMCounterHighByteRegisterbit1~bit0
ETM10-bitCounterbit9~bit8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com