Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 93 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 93 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 89Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 90Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 91Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 92Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 93Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 94Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 95Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 96Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 97Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 172 page
background image
Rev. 1.20
92
�a��� 2�� 201�
Rev. 1.20
93
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
Enhanced Type TM Register Description
OveralloperationoftheEnhancedTMiscontrolledusingaseriesofregisters.Areadonlyregister
pairexiststostoretheinternalcounter10-bitvalue,whiletworead/writeregisterpairsexisttostore
theinternal10-bitCCRAandCCRBvalue.Theremainingthreeregistersarecontrolregisterswhich
setupthedifferentoperatingandcontrolmodesaswellasthethreeCCRPbits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ET�C0
ETPAU
ETCK2
ETCK1
ETCK0
ETON
ETRP2
ETRP1
ETRP0
ET�C1
ETA�1
ETA�0
ETAIO1
ETAIO0
ETAOC
ETAPOL
ETCDN ETCCLR
ET�C2
ETB�1
ETB�0
ETBIO1
ETBIO0
ETBOC
ETBPOL ETPW�1 ETPW�0
ET�DL
D7
D6
D�
D4
D3
D2
D1
D0
ET�DH
—
—
—
—
—
—
D9
D8
ET�AL
D7
D6
D�
D4
D3
D2
D1
D0
ET�AH
—
—
—
—
—
—
D9
D8
ET�BL
D7
D6
D�
D4
D3
D2
D1
D0
ET�BH
—
—
—
—
—
—
D9
D8
Enhanced TM Register List
ETMC0 Register
Bit
7
6
5
4
3
2
1
0
Name
ETPAU
ETCK2
ETCK1
ETCK0
ETON
ETRP2
ETRP1
ETRP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
ETPAU:ETMCounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheTMwillremainpoweredup
andcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhenthisbit
changesfromlowtohighandresumecountingfromthisvaluewhenthebitchanges
toalowvalueagain.
Bit6~4
ETCK2~ETCK0:SelectETMCounterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fSUB
101:fSUB
110:ETCKrisingedgeclock
111:ETCKfallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheTM.Theexternalpinclock
sourcecanbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSis
thesystemclock,whilefHandfSUBareotherinternalclocks,thedetailsofwhichcan
befoundintheoscillatorsection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com