Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 53Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 54Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 55Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 56Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 57Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 58Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 59Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 60Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 172 page
background image
Rev. 1.20
�6
�a��� 2�� 201�
Rev. 1.20
�7
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
PAFS0 Register
Bit
7
6
5
4
3
2
1
0
Name
PAFS07
PAFS06
PAFS0�
PAFS04
PAFS03
PAFS02
PAFS01
PAFS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
"x": don’t �a�e
Bit7~6
PAFS07~PAFS06:PortA3FunctionSelection
00:PA3/LED1
01:PA3/LED1
10:SEG_L(1/3*VDD)
11:SEG_H(2/3*VDD)
Bit5~4
PAFS05~PAFS04:PortA2FunctionSelection
xx:PA2
Bit3~2
PAFS03~PAFS02:PortA1FunctionSelection
00:PA1/LED0
01:PA1/LED0
10:SEG_L(1/3*VDD)
11:SEG_H(2/3*VDD)
Bit1~0
PAFS01~PAFS00:PortA0FunctionSelection
xx:PA0
PAFS1 Register
Bit
7
6
5
4
3
2
1
0
Name
PAFS17
PAFS16
PAFS1�
PAFS14
PAFS13
PAFS12
PAFS11
PAFS10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PAFS17~PAFS16:PortA7FunctionSelection
00:PA7/LED5
01:RX
10:SEG_L(1/3*VDD)
11:SEG_H(2/3*VDD)
Bit5~4
PAFS15~PAFS14:PortA6FunctionSelection
00:PA6/LED4
01:TX
10:SEG_L(1/3*VDD)
11:SEG_H(2/3*VDD)
Bit3~2
PAFS13~PAFS12:PortA5FunctionSelection
00:PA5/LED3
01:ETPA
10:SEG_L(1/3*VDD)
11:SEG_H(2/3*VDD)
Bit1~0
PAFS11~PAFS10:PortA4FunctionSelection
00:PA4/LED2
01:CTP
10:SEG_L(1/3*VDD)
11:SEG_H(2/3*VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com