Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 11Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 12Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 13Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 14Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 15Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 16Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 17Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 172 page
background image
Rev. 1.20
14
�a��� 2�� 201�
Rev. 1.20
1�
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
A.C. Characteristics
Ta=2�°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Condition
fCPU
Ope�ating Clo�k
—
2.2V~�.�V
DC
─
4
�Hz
2.2V~�.�V
DC
─
8
�Hz
2.7V~�.�V
DC
─
12
�Hz
4.�V~�.�V
DC
─
16
�Hz
fSYS
System Clo�k (HXT)
2.2V~�.�V
─
0.4
─
8
�Hz
2.7V~�.�V
0.4
─
12
�Hz
4.�V~�.�V
0.4
─
16
�Hz
fHIRC
System Clo�k (HIRC)
3.0V/�.0V T�im@3V/�V� Ta=2�°C
-2%
4
+2% �Hz
�.0V
T�im@�V� Ta=2�°C
-2%
8
+2% �Hz
�.0V
T�im@�V� Ta=2�°C
-2%
12
+2% �Hz
2.2V~�.�V T�im@3V/�V� Ta=-40~8�°C -�%
4
+�% �Hz
3.0V~�.�V T�im@�V� Ta=-40~8�°C
-�%
8
+�% �Hz
4.�V~�.�V T�im@�V� Ta=-40~8�°C
-�%
12
+�% �Hz
fLXT
System Clo�k (LXT)
─
─
─
32768
─
Hz
fLIRC
System Clo�k (LIRC)
�.0V
Ta = 2�°C
-10%
32
+10% kHz
tTCK
TCK Input Pulse Widt�
─
─
0.3
─
─
μs
tINT
Inte��upt Input Pulse Widt�
─
─
10
─
─
μs
tSST
System Sta�t-up Time� Pe�iod
(Wake-up f�om HALT� fSYS off
at HALT state, Slow Mode →
Normal Mode, Normal Mode →
Slow �ode)
─
fSYS =HXT o� LXT
1024
─
─
tSYS
─
fSYS = HIRC
16
─
─
tSYS
─
fSYS = LIRC
2
─
─
tSYS
System Sta�t-up Time� Pe�iod
(Wake-up f�om HALT� fSYS on at
HALT State)
─
─
2
─
─
tSYS
tRSTD
System Reset Delay Time
(Powe� On Reset� LVR Reset�
LVR S/W Reset (LVRC)�
WDT S/W Reset (WDTC))
─
─
2�
�0
100
ms
System Reset Delay Time
(WDT No�mal Reset)
─
─
8.3
16.7
33.3 ms
tSRESET
Softwa�e Reset Widt� to Reset
—
—
20
4�
90
μs
tEERD
EEPRO� Read Time
─
─
1
2
4
tSYS
tEEWR
EEPRO� W�ite Timet
─
─
1
2
4
ms
Note:1.tSYS=1/fSYS;tLIRC=1/fLIRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com