Electronic Components Datasheet Search
  English  ▼

X  

HT69F240 Datasheet(PDF) 106 Page - Holtek Semiconductor Inc

Part # HT69F240
Description  I/O 8-Bit Flash MCU with LED/LCD Driver
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F240 Datasheet(HTML) 106 Page - Holtek Semiconductor Inc

Back Button HT69F240 Datasheet HTML 102Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 103Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 104Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 105Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 106Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 107Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 108Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 109Page - Holtek Semiconductor Inc HT69F240 Datasheet HTML 110Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 172 page
background image
Rev. 1.20
106
�a��� 2�� 201�
Rev. 1.20
107
�a��� 2�� 201�
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
HT69F240
I/O 8-Bit Flash MCU with LED/LCD Driver
ETM, PWM Mode, Edge-aligned Mode, ETCCLR=0
CCRP
001b
010b
011b
100b
101b
110b
111b
000b
Pe�iod
128
2�6
384
�12
640
768
896
1024
A Duty
CCRA
B Duty
CCRB
IffSYS=12MHz,TMclocksourceselectfSYS/4,CCRP=100b,CCRA=128andCCRB=256,
TheETPAPWMoutputfrequency=(fSYS/4)/512=fSYS/2048=5.8594kHz,duty=128/512=25%.
TheETPBPWMoutputfrequency=(fSYS/4)/512=fSYS/2048=5.8594kHz,duty=256/512=50%.
IftheDutyvaluedefinedbyCCRAorCCRBregisterisequaltoorgreaterthanthePeriodvalue,
thenthePWMoutputdutyis100%.
ETM, PWM Mode, Edge-aligned Mode, ETCCLR=1
CCRA
1
2
3
511
512
1021
1022
1023
Pe�iod
1
2
3
�11
�12
1021
1022
1023
B Duty
CCRB
ETM, PWM Mode, Center-aligned Mode, ETCCLR=0
CCRA
001b
010b
011b
100b
101b
110b
111b
000b
Pe�iod
2�6
�12
768
1024
1280
1�36
1792
2046
A Duty
(CCRA×2)-1
B Duty
(CCRB×2)-1
ETM, PWM Mode, Center-aligned Mode, ETCCLR=1
CCRA
1
2
3
511
512
1021
1022
1023
Pe�iod
2
4
6
1022
1024
2042
2044
2046
B Duty
(CCRB×2)-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com