Electronic Components Datasheet Search
  English  ▼

X  

HT37B90 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT37B90
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B90 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT37B90 Datasheet HTML 42Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 43Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 44Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 45Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 46Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 47Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 48Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 49Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
46
June22,2017
8 - b i t C o u n t e r
(
¸ 2 5 6 )
7 - b i t P r e s c a l e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
W D T C l o c k S o u r c e
C l e a r W D T T y p e
C o n f i g u r a t i o n O p t i o n
C L R W D T 1 F l a g
C L R W D T 2 F l a g
1 o r 2 I n s t r u c t i o n s
C L R
C L R
f O S C / 8
W D T O s c i l l a t o r
W D T C l o c k S o u r c e
C o n f i g u r a t i o n O p t i o n
WatchdogTimer
D A C C R e g i s t e r
b 0
S E L A C H 0
b 7
B P _ R S E L A C H 1
S E L W R
D A C
S E L W L
A M P _ E N
A M P _ M
T o s e l e c t D A R d a t a f r o m M C U o r w a v e t a b l e
0 : f r o m M C U ( d e f a u l t )
1 : f r o m w a v e t a b l e
E n a b l e / d i s a b l e D A C f u n c t i o n
0 : d i s a b l e
1 : e n a b l e
T o s e l e c t D A L d a t a f r o m M C U o r w a v e t a b l e
0 : f r o m M C U ( d e f a u l t )
1 : f r o m w a v e t a b l e
E n a b l e / d i s a b l e b u i l d - i n p o w e r A m p . f u n c t i o n
0 : d i s a b l e
1 : e n a b l e
M u t e f u n c t i o n i n t h e b u i l d - i n p o w e r A m p .
0 : n o n - m u t e
1 : m u t e
S e l e c t c h 0 s o u r c e f r o m w a v e t a b l e / A D P C M d e c o d e r
0 : f r o m w a v e t a b l e
1 : f r o m A D P C M d e c o d e r
S e l e c t c h 0 1 s o u r c e f r o m w a v e t a b l e / A D P C M d e c o d e r
0 : f r o m w a v e t a b l e
1 : f r o m a d p c m d e c o d e r
* I n d i r e c t m e m o r y a c c e s s s f r o m M P 1 / M P 2
0 : M P 1
1 : M P 2
DACC (1FH)Register
Note:
*SwitchMP1andMP2memorypointerbyBP_R
DigitaltoAnalogConverter(DACC)
The two D/A converters of HT37B90/70/50/30 are 16-bit high-resolution with excellent frequency response characteris-
ticsandgoodpowerconsumptionforstereoaudiooutput.
D7
D6
D5
D4
D3
D2
D1
D0
1Dh
DAC HighByte
B15
B14
B13
B12
B11
B10
B9
B8
1Eh
DAC LowByte
B7
B6
B5
B4
B3
B2
B1
B0
1Fh
DAC Control(DACC)
BP_R
SELACH1 SELACH0 AMP_M AMP_EN SELWL
DAC
SELWR
Note:B15~B0isD/A conversionresultdatabitMSB~LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com