Electronic Components Datasheet Search
  English  ▼

X  

HT37B90 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT37B90
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B90 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT37B90 Datasheet HTML 30Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 31Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 32Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 33Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 34Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 35Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 36Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 37Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
34
June22,2017
· LowVoltageReset
- LVR
The microcontroller contains a low voltage reset cir-
cuit in order to monitor the supply voltage of the de-
vice, which is selected via a configuration option and
The VLVR can select as 3.0V or 2.4V. If the supply
voltage of the device drops to within a range of
0.9V~VLVR such as might occur when changing the
battery, the LVR will automatically reset the device in-
ternally. The LVR includes the following specifica-
tions: For a valid LVR signal, a low voltage, i.e., a
voltage in the range between 0.9V~VLVR must exist for
greater than the value tLVR specified in the A.C. char-
acteristics. If the low voltage state does not exceed
1ms, the LVR will ignore it and will not perform a reset
function.
· WatchdogTime-outResetduringNormalOperation
The Watchdog time-out Reset during normal opera-
tion is the same as a hardware RES pin reset except
thattheWatchdogtime-outflagTOwillbesetto
²1².
· WatchdogTime-outResetduringPowerDown
The Watchdog time-out Reset during Power Down is
a little different from other kinds of reset. Most of the
conditions remain unchanged except that the Pro-
gram Counter and the Stack Pointer will be cleared to
²0² and the TO flag will be set to ²1². Refer to the A.C.
Characteristicsfor tSST details.
ResetInitialConditions
The different types of reset described affect the reset
flags in different ways. These flags, known as PDF and
TO are located in the status register and are controlled
by various microcontroller operations, such as the
Power Down function or Watchdog Timer. The reset
flagsareshowninthetable:
TO PDF
RESETConditions
0
0
RES resetduringpower-on
u
u
RES or LVR reset during normal operation
0
1
RES Wake-upHALT
1
u
WDT time-out reset during normal operation
1
1
WDT time-outresetduringPowerDown
Note:
²u² standsforunchanged
The following table indicates the way in which the vari-
ous components of the microcontroller are affected after
apower-onresetoccurs.
Item
ConditionAfterRESET
ProgramCounter
Resettozero
Interrupts
Allinterruptswillbedisabled
WDT
Clear after reset, WDT begins
counting
Timer/Event
Counter
TimerCounterwillbeturnedoff
Prescaler
The Timer Counter Prescaler will
becleared
Input/OutputPorts I/Oportswillbesetupasinputs
StackPointer
Stack Pointer will point to the top
ofthestack
The different kinds of resets all affect the internal regis-
ters of the microcontroller in different ways. To ensure
reliable continuation of normal program execution after
a reset occurs, it is important to know what condition the
microcontroller is in after a particular reset occurs. The
following table describes how each type of reset affects
eachofthe microcontroller internalregisters.
L V R
S S T T i m e - o u t
I n t e r n a l R e s e t
t R S T D
LowVoltageResetTimingChart
W D T T i m e - o u t
S S T T i m e - o u t
I n t e r n a l R e s e t
t R S T D
WDT Time-outResetduringNormalOperation
TimingChart
W D T T i m e - o u t
S S T T i m e - o u t
t S S T
WDT Time-outResetduringPowerDown
TimingChart
R E S
S S T T i m e - o u t
I n t e r n a l R e s e t
0 . 9 V D D
0 . 4 V D D
t R S T D
RES ResetTimingChart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com