Electronic Components Datasheet Search
  English  ▼

X  

HT37B90 Datasheet(PDF) 75 Page - Holtek Semiconductor Inc

Part # HT37B90
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B90 Datasheet(HTML) 75 Page - Holtek Semiconductor Inc

Back Button HT37B90 Datasheet HTML 71Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 72Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 73Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 74Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 75Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 76Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 77Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 78Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 79Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
SIZ [m]
SkipifincrementDataMemoryis0
Description
The contents of the specified Data Memory are first incremented by 1. If the result is 0, the
following instruction is skipped. As this requires the insertion of a dummy instruction while
the next instruction is fetched, it is a two cycle instruction. If the result is not 0 the program
proceedswiththefollowinginstruction.
Operation
[m]
¬ [m]+1
Skipif[m]=0
Affectedflag(s)
None
SIZA [m]
SkipifincrementDataMemoryiszerowithresultin ACC
Description
The contents of the specified Data Memory are first incremented by 1. If the result is 0, the
following instruction is skipped. The result is stored in the Accumulator but the specified
Data Memory contents remain unchanged. As this requires the insertion of a dummy in-
struction while the next instruction is fetched, it is a two cycle instruction. If the result is not
0theprogramproceedswiththefollowinginstruction.
Operation
ACC
¬ [m]+1
Skipif ACC =0
Affectedflag(s)
None
SNZ [m].i
Skipifbit i ofDataMemoryisnot0
Description
If bit i of the specified Data Memory is not 0, the following instruction is skipped. As this re-
quires the insertion of a dummy instruction while the next instruction is fetched, it is a two
cycleinstruction.Iftheresultis0theprogramproceedswiththefollowinginstruction.
Operation
Skipif[m].i
¹ 0
Affectedflag(s)
None
SUBA,[m]
SubtractDataMemoryfrom ACC
Description
The specified Data Memory is subtracted from the contents of the Accumulator. The result
is stored in the Accumulator. Note that if the result of subtraction is negative, the C flag will
beclearedto0,otherwiseiftheresultispositiveorzero,theCflagwillbesetto1.
Operation
ACC
¬ ACC - [m]
Affectedflag(s)
OV,Z,AC,C
SUBM A,[m]
SubtractDataMemoryfrom ACC withresultinDataMemory
Description
The specified Data Memory is subtracted from the contents of the Accumulator. The result
is stored in the Data Memory. Note that if the result of subtraction is negative, the C flag will
beclearedto0,otherwiseiftheresultispositiveorzero,theCflagwillbesetto1.
Operation
[m]
¬ ACC - [m]
Affectedflag(s)
OV,Z,AC,C
SUBA,x
Subtractimmediatedatafrom ACC
Description
The immediate data specified by the code is subtracted from the contents of the Accumu-
lator. The result is stored in the Accumulator. Note that if the result of subtraction is nega-
tive, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will
besetto1.
Operation
ACC
¬ ACC - x
Affectedflag(s)
OV,Z,AC,C
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
75
June22,2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com