Electronic Components Datasheet Search
  English  ▼

X  

HT37B90 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT37B90
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B90 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT37B90 Datasheet HTML 24Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 25Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 26Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 27Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 28Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 29Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 30Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 31Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
28
June22,2017
small differences in measured values requiring pro-
grammers to take this into account during programming.
The same applies if the timer is configured to be in the
event counting mode, which again is an external event
and not synchronized with the internal system or timer
clock. When the Timer/Event Counter is read, or if data
is written to the preload register, the clock is inhibited to
avoid errors, however as this may result in a counting er-
ror, this should be taken into account by the program-
mer. Care must be taken to ensure that the timers are
properly initialized before using them for the first time.
The associated timer enable bits in the interrupt control
register must be properly set otherwise the internal in-
terrupt associated with the timer will remain inactive.
The edge select, timer mode and clock source control
bits in timer control register must also be correctly set to
ensure the timer is properly configured for the required
application. It is also important to ensure that an initial
value is first loaded into the timer registers before the
timer is switched on; this is because after power-on the
initial values of the timer registers are unknown. After
the timer has been initialized the timer can be turned on
and off by controlling the enable bit in the timer control
register. Note that setting the timer enable bit high to
turn the timer on, should only be executed after the timer
mode bits have been properly setup. Setting the timer
enable bit high together with a mode bit modification,
may lead to improper timer operation if executed as a
single timer control register byte write instruction. When
the Timer/Event counter overflows, its corresponding in-
terrupt request flag in the interrupt control register will be
set. If the timer interrupt is enabled this will in turn gener-
ate an interrupt signal. However irrespective of whether
the interrupts are enabled or not, a Timer/Event counter
overflow will also generate a wake-up signal if the de-
vice is in a Power-down condition. This situation may
occur if the Timer/Event Counter is in the Event
Counting Mode and if the external signal continues to
changestate.Insuchacase,the
Timer/Event Counter will continue to count these exter-
nal events and if an overflow occurs the device will be
woken up from its Power-down condition. To prevent
such a wake-up from occurring, the timer interrupt re-
quest flag should first be set high before issuing the
HALT instructiontoenterthePowerDownMode.
TimerProgramExample
This program example shows how the Timer/Event Counter registers are setup, along with how the interrupts are en-
abled and managed. Note how the Timer/Event Counter is turned on, by setting bit 4 of the Timer Control Register. The
Timer/EventCountercanbeturnedoffinasimilarwaybyclearingthesamebit.
This example program sets the Timer/Event Counter to be in the timer mode, which uses the internal system clock as
theclocksource.ShowhowtocounterTMR0=1kHz,TMR1=2kHz,TMR2=4kHz,if fOSC is11.059MHz.
org 00h
; Reset
jmp begin
org 04h
; external interrupt vector
reti
org 08h
; Timer/Event Counter 0 interrupt vector
jmp tmr0int
; jump here when Timer0 overflows
org 0ch
; Timer/Event Counter 1 interrupt vector
jmp tmr1int
; jump here when Timer1 overflows
org 10h
; Timer Counter 2 interrupt vector
jmp tmr2int
; jump here when Timer2 overflows
org 20h
; main program
;internal Timer0,1,2 Counter interrupt routine
tmr0int:
; Timer/Event Counter 0 main program placed here
:
reti
tmr1int:
; Timer/Event Counter 1 main program placed here
:
reti
tmr2int:
; Timer Counter 2 main program placed here
:
reti
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com