Electronic Components Datasheet Search
  English  ▼

X  

HT37B90 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT37B90
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B90 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT37B90 Datasheet HTML 14Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 15Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 16Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 17Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 18Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 19Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 20Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 21Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
18
June22,2017
BankPointer - RBP1,RBP2
The RAM Data Memory is divided into 8 Banks, known as
Bank 0 to Bank 7. Selecting the required Data Memory
area is achieved using the RAM Bank Pointers which are
RBP1 and RBP2. The RBP1 and RBP2 match up with
MP1 and MP2 respectively. If data in Bank 0 is to be ac-
cessed, then the RBP registers must be loaded with the
value
²00², while if data in Bank 1 is to be accessed, then
the RBP registers must be loaded with the value
²01².
Register IAR0 will always access data from Bank 0, irre-
spective of the value of the Bank Pointer. The RBP1 and
RBP2 register is located at memory location 60H in
Bank 0 to Bank 7 and can only be accessed indirectly
using two memory pointers MP1 and MP2 and the indi-
rect addressing register IAR1 will always access data
fromBank0toBank7.
The Data Memory is initialized to Bank 0 after a reset,
except for the WDT time-out reset in the Power Down
Mode, in which case, the Data Memory bank remains
unaffected. It should be noted that Special Function
Data Memory is not affected by the bank selection,
which means that the Special Function Registers can be
accessed from within Bank 0 to Bank 7. Directly ad-
dressing the Data Memory will always result in Bank 0
being accessed irrespective of the value of the Bank
Pointer.
Register
BitNo.
Function
RBP1
0~2
RAMBankPoint1Select
000=SelectRAMBank0
001=SelectRAMBank1
010=SelectRAMBank2
011=SelectRAMBank3
100=SelectRAMBank4
101=SelectRAMBank5
110=SelectRAMBank6
111=SelectRAMBank7
3~4
Generalbits.Canwriteand
read.
5~7
Unusedbit
RBP1(04H)
Register
BitNo.
Function
RBP2
0~2
RAMBankPoint2Select
000=SelectRAMBank0
001=SelectRAMBank1
010=SelectRAMBank2
011=SelectRAMBank3
100=SelectRAMBank4
101=SelectRAMBank5
110=SelectRAMBank6
111=SelectRAMBank7
3~4
Generalbits.Canwriteand
read.
5~7
Unusedbit
RBP2(2FH)
Note:UsingMP1orMP2areselectedby DACC.7.
Accumulator - ACC
The Accumulator is central to the operation of any
microcontroller and is closely related with operations
carried out by the ALU. The Accumulator is the place
where all intermediate results from the ALU are stored.
Without the Accumulator it would be necessary to write
the result of each calculation or logical operation such
as addition, subtraction, shift, etc., to the Data Memory
resulting in higher programming and timing overheads.
Data transfer operations usually involve the temporary
storage function of the Accumulator; for example, when
transferring data between one user defined register and
another, it is necessary to do this by passing the data
through the Accumulator as no direct transfer between
tworegistersispermitted.
ProgramCounterLowRegister - PCL
To provide additional program control functions, the low
byte of the Program Counter is made accessible to pro-
grammers by locating it within the Special Purpose area
of the Data Memory. By manipulating this register, direct
jumps to other program locations are easily imple-
mented. Loading a value directly into this PCL register
will cause a jump to the specified Program Memory lo-
cation, however, as the register is only 8-bit wide, only
jumps within the current Program Memory page are per-
mitted. When such operations are used, note that a
dummycyclewillbeinserted.
Look-upTableRegisters - TBLP1, TBMP1, TBHP1,
TBLH
These seven special function registers are used to con-
trol operation of the look-up table which is stored in the
Program Memory. TBLP1, TBMP1 and TBHP1 are the
table pointer and indicate the location where the table
data is located. Their value must be setup before any ta-
ble read commands are executed. Their value can be
changed, for example using the
²INC² or ²DEC² instruc-
tions, allowing for easy table data pointing and reading.
TBLH is the location where the high order byte of the ta-
ble data is stored after a table read data instruction has
been executed. Note that the lower order table data byte
istransferredtoauserdefinedlocation.
WatchdogTimerRegister - WDTS
The Watchdog feature of the microcontroller provides
an automatic reset function giving the microcontroller a
means of protection against spurious jumps to incorrect
Program Memory addresses. To implement this, a timer
is provided within the microcontroller which will issue a
reset command when its value overflows. To provide
variable Watchdog Timer reset times, the Watchdog
Timer clock source can be divided by various division ra-
tios, the value of which is set using the WDTS register.
By writing directly to this register, the appropriate divi-
sion ratio for the Watchdog Timer clock source can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com