Electronic Components Datasheet Search
  English  ▼

X  

HT37B90 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT37B90
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B90 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT37B90 Datasheet HTML 68Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 69Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 70Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 71Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 72Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 73Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 74Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 75Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
ORA,x
LogicalORimmediatedatato ACC
Description
Data in the Accumulator and the specified immediate data perform a bitwise logical OR op-
eration.TheresultisstoredintheAccumulator.
Operation
ACC
¬ ACC ²OR² x
Affectedflag(s)
Z
ORM A,[m]
LogicalOR ACC toDataMemory
Description
Data in the specified Data Memory and the Accumulator perform a bitwise logical OR oper-
ation.TheresultisstoredintheDataMemory.
Operation
[m]
¬ ACC ²OR² [m]
Affectedflag(s)
Z
RET
Returnfromsubroutine
Description
The Program Counter is restored from the stack. Program execution continues at the re-
storedaddress.
Operation
ProgramCounter
¬ Stack
Affectedflag(s)
None
RETA,x
Returnfromsubroutineandloadimmediatedatato ACC
Description
The Program Counter is restored from the stack and the Accumulator loaded with the
specifiedimmediatedata.Programexecutioncontinuesattherestoredaddress.
Operation
ProgramCounter
¬ Stack
ACC
¬ x
Affectedflag(s)
None
RETI
Returnfrominterrupt
Description
The Program Counter is restored from the stack and the interrupts are re-enabled by set-
ting the EMI bit. EMI is the master interrupt global enable bit. If an interrupt was pending
when the RETI instruction is executed, the pending Interrupt routine will be processed be-
forereturningtothemainprogram.
Operation
ProgramCounter
¬ Stack
EMI
¬ 1
Affectedflag(s)
None
RL [m]
RotateDataMemoryleft
Description
The contents of the specified Data Memory are rotated left by 1 bit with bit 7 rotated into bit
0.
Operation
[m].(i+1)
¬ [m].i;(i =0~6)
[m].0
¬ [m].7
Affectedflag(s)
None
RLA [m]
RotateDataMemoryleftwithresultin ACC
Description
The contents of the specified Data Memory are rotated left by 1 bit with bit 7 rotated into bit
0. The rotated result is stored in the Accumulator and the contents of the Data Memory re-
mainunchanged.
Operation
ACC.(i+1)
¬ [m].i;(i =0~6)
ACC.0
¬ [m].7
Affectedflag(s)
None
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
72
June22,2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com