Electronic Components Datasheet Search
  English  ▼

X  

HT37B90 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT37B90
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B90 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT37B90 Datasheet HTML 43Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 44Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 45Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 46Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 47Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 48Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 49Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 50Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
47
June22,2017
TheIntegratedPowerAmp.
The Power Amp. is an integrated class AB mono
speaker driver contained in HT37B90/70/50/30. It pro-
vides property of high S/N ratio, high slew rate, low dis-
tortion, large output voltage swing, excellent power
supply ripple rejection, low power consumption, low
standbycurrentandpoweroffcontroletc.
AudIn:Audioinput
VBIAS:Speakernon-invertinginputvoltagereference
SP0:AudioNegativeoutput
SP1:AudioPositiveoutput
OUTP RisingTime(tR)
When AMP_EN enable, the Power Amp. need rising
time to output fully on OUTP pin. However, the rising
timedependson.
C1.(*TheC1connectswith VBIAS andVss)
A M P 1
A M P 2
V B I A S
1 0 R
S P 1
A u d I n
B I A S
R
R
R
S P 0
A M P _ E N
S P K
C 1
0 . 1 m F
L C H / R C H
A M P _ E N
O U T P
t R
Capacitor
0.1mF
1mF
4.7mF
10mF
tR
Voltage
2.2V
15ms
30ms
90ms
185ms
3V
15ms
30ms
90ms
185ms
4
15ms
30ms
90ms
185ms
For battery based applications, power consumption is a key issue, therefore the amplifier should be turned off when in
the standby state. In order to eliminate any speaker sound bursts while turning the amplifier on, the application circuit,
which will incorporate a capacitance value of C1, should be adjusted in accordance with the speaker s audio frequency
response. A greater value of C1 will improve the noise burst while turning on the amplifier. The recommended operation
sequenceis:
TurnOn:audiosignalstandby(1/2VDD)
® enableamplifier ® wait t
R foramplifierready ® audiooutput
TurnOff:audiosignalfinished
® disableamplifier ® wait t
R foramplifieroff ® audiosignaloff
If the application is not powered by batteries and there is no problem with amplifier On/Off issue, a capacitor value of
0.1
mFforC1isrecommended.
HowtouseintegratedpowerAmp?
· Connectthe
²InternalPowerAmpCircuit²,pleaserefertoApplicationCircuits.
· Set DACC.3toenableintegratedpoweramp.Clear DACC.3todisableintegratedpoweramp.
· Usercancontrolitat
²PowerAmpDisable² and ²PowerAmpEnable² of HT-MDS.
L C H / R C H
A M P _ E N
t R
t R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com