| Electronic Components Datasheet Search |
|
HT37B90 Datasheet(PDF) 70 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT37B90 Datasheet(HTML) 70 Page - Holtek Semiconductor Inc |
|
70 / 80 page ![]() CPL [m] ComplementDataMemory Description Each bit of the specified Data Memory is logically complemented (1 ¢s complement). Bits whichpreviouslycontaineda1arechangedto0andviceversa. Operation [m] ¬ [m] Affectedflag(s) Z CPLA [m] ComplementDataMemorywithresultin ACC Description Each bit of the specified Data Memory is logically complemented (1 ¢s complement). Bits which previously contained a 1 are changed to 0 and vice versa. The complemented result isstoredintheAccumulatorandthecontentsoftheDataMemoryremainunchanged. Operation ACC ¬ [m] Affectedflag(s) Z DAA [m] Decimal-Adjust ACC foradditionwithresultinDataMemory Description Convert the contents of the Accumulator value to a BCD ( Binary Coded Decimal) value re- sulting from the previous addition of two BCD variables. If the low nibble is greater than 9 or if AC flag is set, then a value of 6 will be added to the low nibble. Otherwise the low nibble remains unchanged. If the high nibble is greater than 9 or if the C flag is set, then a value of 6 will be added to the high nibble. Essentially, the decimal conversion is performed by add- ing 00H, 06H, 60H or 66H depending on the Accumulator and flag conditions. Only the C flag may be affected by this instruction which indicates that if the original BCD sum is greaterthan100,itallowsmultipleprecisiondecimaladdition. Operation [m] ¬ ACC +00Hor [m] ¬ ACC +06Hor [m] ¬ ACC +60Hor [m] ¬ ACC +66H Affectedflag(s) C DEC[m] DecrementDataMemory Description DatainthespecifiedDataMemoryis decremented by1. Operation [m] ¬ [m] - 1 Affectedflag(s) Z DECA [m] DecrementDataMemorywithresultin ACC Description Data in the specified Data Memory is decremented by 1. The result is stored in the Accu- mulator.ThecontentsoftheDataMemoryremainunchanged. Operation ACC ¬ [m] - 1 Affectedflag(s) Z HALT Enterpowerdownmode Description This instruction stops the program execution and turns off the system clock. The contents of the Data Memory and registers are retained. The WDT and prescaler are cleared. The powerdownflag PDF issetandthe WDT time-outflagTOiscleared. Operation TO ¬ 0 PDF ¬ 1 Affectedflag(s) TO, PDF HT37B90/HT37B70/HT37B50/HT37B30 Rev.1.00 70 June22,2017 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |