| Electronic Components Datasheet Search |
|
HT37B90 Datasheet(PDF) 74 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT37B90 Datasheet(HTML) 74 Page - Holtek Semiconductor Inc |
|
74 / 80 page ![]() SBC A,[m] SubtractDataMemoryfrom ACC withCarry Description The contents of the specified Data Memory and the complement of the carry flag are sub- tracted from the Accumulator. The result is stored in the Accumulator. Note that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result is positive or zero,theCflagwillbesetto1. Operation ACC ¬ ACC - [m] - C Affectedflag(s) OV,Z,AC,C SBCM A,[m] SubtractDataMemoryfrom ACC withCarryandresultinDataMemory Description The contents of the specified Data Memory and the complement of the carry flag are sub- tracted from the Accumulator. The result is stored in the Data Memory. Note that if the re- sult of subtraction is negative, the C flag will be cleared to 0, otherwise if the result is positiveorzero,theCflagwillbesetto1. Operation [m] ¬ ACC - [m] - C Affectedflag(s) OV,Z,AC,C SDZ [m] SkipifdecrementDataMemoryis0 Description The contents of the specified Data Memory are first decremented by 1. If the result is 0 the following instruction is skipped. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If the result is not 0 the program proceedswiththefollowinginstruction. Operation [m] ¬ [m] - 1 Skipif[m]=0 Affectedflag(s) None SDZA [m] SkipifdecrementDataMemoryiszerowithresultin ACC Description The contents of the specified Data Memory are first decremented by 1. If the result is 0, the following instruction is skipped. The result is stored in the Accumulator but the specified Data Memory contents remain unchanged. As this requires the insertion of a dummy in- struction while the next instruction is fetched, it is a two cycle instruction. If the result is not 0,theprogramproceedswiththefollowinginstruction. Operation ACC ¬ [m] - 1 Skipif ACC =0 Affectedflag(s) None SET[m] SetDataMemory Description EachbitofthespecifiedDataMemoryissetto1. Operation [m] ¬ FFH Affectedflag(s) None SET[m].i SetbitofDataMemory Description Bit i ofthespecifiedDataMemoryissetto1. Operation [m].i ¬ 1 Affectedflag(s) None HT37B90/HT37B70/HT37B50/HT37B30 Rev.1.00 74 June22,2017 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |