Electronic Components Datasheet Search
  English  ▼

X  

HT37B90 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT37B90
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B90 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT37B90 Datasheet HTML 60Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 61Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 62Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 63Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 64Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 65Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 66Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 67Page - Holtek Semiconductor Inc HT37B90 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
ApplicationCircuits
Note:
If user has used internal power AMP circuit, need to add two capacitances (47
mF, 0.1mF) that be connected be-
tween VDD_AMP and VSS.
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
64
June22,2017
H T 3 7 B 9 0 / 7 0 / 5 0 / 3 0
0 . 1 m F
R E S
1 0 0 k W
V D D
0 . 1 m F
V S S _ D A C
V S S _ A M P
V D D
V D D
1 0 W
4 7 m F
0 . 1 m F
V D D _ D A C
V S S _ A D C
S p e a k e r
( 8 W )
4 7 m F
0 . 1 m F
V D D
O S C 1
O S C 2
V D D _ A M P
V D D _ A D C
5 0 k W
V S S
1 0 m F
8
2
3
5
4
H T 8 2 V 7 3 3
0 . 1 m F
1 0 m F
O U T N
V D D
V R E F
C E
I N
S P K
( 8 W )
5 0 k W
O U T N
O U T P
1
7
V D D
4 7 m F
A u d _ i n
* R C H
V b i a s
S P +
S P -
L C H
I n t e r n a l P o w e r
A M P C i r c u i t
H T 3 7 B 9 0 / 7 0 / 5 0 / 3 0
R E S
1 0 0 k W
V D D
0 . 1 m F
V S S _ D A C
V S S _ A M P
V D D
V D D
1 0 W
V D D _ D A C
V S S _ A D C
4 7 m F
0 . 1 m F
V D D
V D D _ A M P
V D D _ A D C
V S S
L C H
R C H
V D D
S P K
( 8 W )
7 5 0 W
1 k W
V D D
S P K
( 8 W )
7 5 0 W
1 k W
O S C 1
O S C 2
1 1 . 0 5 9 M H z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com