Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
Rev. 1.21
46
April 11, 2017
Rev. 1.21
47
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Pulse Width Modulator
Thedevicesincludeone8-bitPWMfunction.Usefulfortheapplicationssuchasmotorspeed
control,thePWMfunctionprovidesoutputswithafixedfrequencybutwithadutycyclethatcanbe
variedbysettingparticularvaluesintothecorrespondingPWMregister.
PWM Operation
Theregister,knownasPWMandlocatedintheDataMemoryisassignedtoeachPulseWidth
Modulatorchannel.Itisherethatthe8-bitvalue,whichrepresentstheoveralldutycycleofone
modulationcycleoftheoutputwaveform,shouldbeplaced.ToincreasethePWMmodulation
frequency,eachmodulationcycleissubdividedintotwoorfourindividualmodulationsubsections,
knownasthe7+1modeor6+2moderespectively.Therequiredmodeandtheon/offcontrolfor
eachPWMchannelisselectedusingtheCTRL0register.NotethatwhenusingthePWM,itisonly
necessarytowritetherequiredvalueintothePWMregisterandselecttherequiredmodesetandon/
offcontrolusingtheCTRL0register,thesubdivisionofthewaveformintoitssub-modulationcycles
isimplementedautomaticallywithinthemicrocontrollerhardware.ThePWMclocksourcefScomes
fromthesystemclockfSYS,fSYS/4orfLIRC
Thismethodofdividingtheoriginalmodulationcycleintoafurther2or4sub-cyclesenablethe
generationofhigherPWMfrequencieswhichallowawiderrangeofapplicationstobeserved.The
differencebetweenwhatisknownasthePWMcyclefrequencyandthePWMmodulationfrequency
shouldbeunderstood.AsthePWMvalueis8-bitswide,theoverallPWMcyclefrequencyisfS/256.
However,wheninthe7+1modeofoperationthePWMmodulationfrequencywillbefS/128,while
thePWMmodulationfrequencyforthe6+2modeofoperationwillbefS/64.
PWM
Modulation
PWM Cycle Frequency
PWM Cycle Duty
fS/64 for (6+2) bits mode
fS/128 for (7+1) bits mode
fS/256
[PWM]/256
6+2 PWM Mode
EachfullPWMcycle,asitiscontrolledbyan8-bitPWMregister,has256clockperiods.However,
inthe6+2PWMmode,eachPWMcycleissubdividedintofourindividualsub-cyclesknownas
modulationcycle0~modulationcycle3,denotedasiinthetable.Eachoneofthesefoursub-cycles
contains64clockcycles.Inthismode,amodulationfrequencyincreaseoffourisachieved.The8-bit
PWMregistervalue,whichrepresentstheoveralldutycycleofthePWMwaveform,isdividedinto
twogroups.Thefirstgroupwhichconsistsofbit2~bit7isdenotedhereastheDCvalue.Thesecond
groupwhichconsistsofbit0~bit1isknownastheACvalue.Inthe6+2PWMmode,thedutycycle
valueofeachofthefourmodulationsub-cyclesisshowninthefollowingtable.
Parameter AC (0~3)
DC
(Duty Cycle)
Modulation cycle i (i=0~3)
i<AC
(DC+1)/64
i>AC
DC/64
6+2 Mode Modulation Cycle Values
Thefollowingdiagramillustratesthewaveformsassociatedwiththe6+2modeofPWMoperation.
ItisimportanttonotehowthesinglePWMcycleissubdividedinto4individualmodulationcycles,
numberedfrom0~3andhowtheACvalueisrelatedtothePWMvalue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com