Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 83 page
background image
Rev. 1.21
50
April 11, 2017
Rev. 1.21
51
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
A/D Converter Control Registers – ADCR, ACSR
TocontrolthefunctionandoperationoftheA/Dconverter,twocontrolregistersknownasADCR
andACSRareprovided.These8-bitregistersdefinefunctionssuchastheon/offfunction,the
selectionofwhichanalogchannelisconnectedtotheinternalA/Dconverter,whichpinsareused
asanaloginputsandwhichareusedasnormalI/Os,theA/Dclocksourceaswellascontrollingthe
startfunctionandmonitoringtheA/Dconverterendofconversionstatus.
TheACS1~ACS0bitsintheADCRregisterdefinethechannelnumber.Asthedevicescontainonly
oneactualanalogtodigitalconvertercircuit,eachoftheindividual4analoginputsmustberouted
totheconverter.ItisthefunctionoftheACS1~ACS0bitsintheADCRregistertodeterminewhich
analogchannelisactuallyconnectedtotheinternalA/Dconverter.
ThePCR3~PCR0bitscontainedintheADCRregisterwhichdeterminewhichpinsonPA0~PA2,
PA5areusedasanaloginputsfortheA/DconverterandwhichpinsaretobeusedasnormalI/O
pins.IfthePCRnbithasavalueof1,thenthecorrespondingpin,namelyoneoftheAN0~AN3
analoginputs,willbesetasanaloginputs.NotethatifthePCRnbitissettozero,thenthe
correspondingpinonPA5,PA2~PA0willbesetasanormalI/Opin,theanaloginputchannelswill
bealldisabledandtheA/Dconvertercircuitrywillbepoweredoff.
TheADCRcontrolregisteralsocontainsthePCR3~PCR0bitswhichdeterminewhichpinsonPA5,
PA2~PA0areusedasanaloginputsfortheA/DconverterandwhichpinsaretobeusedasnormalI/O
pins.NotethatifthePCR3~PCR0bitsareallsettozero,thenallthePA5,PA2~PA0pinswillbeset
asnormalI/Os.
ADCR Register
Bit
7
6
5
4
3
2
1
0
Name
START
EOCB
PCR3
PCR2
PCR1
PCR0
ACS1
ACS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
0
0
0
0
0
Bit7
START:StarttheA/Dconversion
0→1→0:Start
0→1:ResettheA/DconverterandsetEOCBto"1"
ThisbitisusedtoinitiateanA/Dconversionprocess.Thebitisnormallylowbutifset
highandthenclearedlowagain,theA/Dconverterwillinitiateaconversionprocess.
WhenthebitissethightheA/Dconverterwillbereset.
Bit6
EOCB:EndofA/Dconversionflag
0:A/Dconversionended
1:A/Dconversioninprogress
ThisreadonlyflagisusedtoindicatewhenanA/Dconversionprocesshascompleted.
Whentheconversionprocessisrunningthebitwillbehigh.
Bit5~2
PCR3~PCR0:PA5,PA2~PA0pinsusedasanaloginputsselection
0:I/Oorotherpin-sharedfunction
1:Analoginput
IfPCR3~PCR0areallzero,theADCcircuitwillbeofftoreducepowerconsumption.
Bit1~0
ACS1~ACS0:A/Dchannelselection
00:AN0
01:AN1
10:AN2
11:AN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com