Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
Rev. 1.21
38
April 11, 2017
Rev. 1.21
39
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
V DD
M
U
X
R ead Da ta R egi st er
C ont ro l Bi t
Da ta B us
Wr it e C ont ro l R egi st er
Ch ip R es et
R ead Co nt ro l Re gi st er
Wr it e Da ta R egi st er
Da ta B it
A/ D I nput P in s
AC S1 ~A CS 0
To A /D C onv er te r
We ak
Pu ll- up
A nal og
I npu t
Se le ct or
D
Q
CK
S
Q
D
Q
CK
S
Q
Pu ll -H ig h
R egi st er
Se le ct
A/D Input/Output Port
Programming Considerations
Withintheuserprogram,oneofthethingsfirsttoconsiderisportinitialization.Afterareset,all
oftheI/Odataandportcontrolregisterswillbesettohigh.ThismeansthatallI/Opinswillbe
defaultedtoaninputstate,thelevelofwhichdependsontheotherconnectedcircuitryandwhether
pull-highselectionshavebeenchosen.Iftheportcontrolregistersarethenprogrammedtosetsome
pinsasoutputs,theseoutputpinswillhaveaninitialhighoutputvalueunlesstheassociatedport
dataregistersarefirstprogrammed.Selectingwhichpinsareinputsandwhichareoutputscanbe
achievedbyte-widebyloadingthecorrectvaluesintotheappropriateportcontrolregisterorby
programmingindividualbitsintheportcontrolregisterusingthe“SET[m].i”and“CLR[m].i”
instructions.Notethatwhenusingthesebitcontrolinstructions,aread-modify-writeoperationtakes
place.Themicrocontrollermustfirstreadinthedataontheentireport,modifyittotherequirednew
bitvaluesandthenrewritethisdatabacktotheoutputports.
T1
T2
T3
T4
T1
T2
T3
T4
Wr it e to P or t
Re ad f ro m Po rt
S yst em C lo ck
Po r t D at a
Read Modify Write Timing
PinsPA0~PA2,PA5eachhavewake-upfunctions,selectedviathePAWUregister.Whenthedevice
isintheSleepMode,variousmethodsareavailabletowakethedeviceup.Oneoftheseisahighto
lowtransitionofanypins.SingleormultiplepinsonPortAcanbesettohavethisfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com