Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
Rev. 1.21
24
April 11, 2017
Rev. 1.21
25
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Watchdog Timer
TheWatchdogTimer,alsoknownastheWDT,isprovidedtopreventprogrammalfunctionsor
sequencesfromjumpingtounknownlocations,duetocertainuncontrollableexternaleventssuchas
electricalnoise.
Watchdog Timer Clock Source
TheWatchdogTimerclocksourceisprovidedbytheLIRCandthesystemclockfSYSwhichis
sourcedfromtheHIRCoscillator.TheWatchdogTimersourceclockisthensubdividedbyaratio
of28to215togivelongertimeouts,theactualvaluebeingchosenusingtheWS2~WS0bitsinthe
WDTSregister.TheLIRCinternaloscillatorhasanapproximateperiodfrequencyof12kHzata
supplyvoltageof5V.However,itshouldbenotedthatthisspecifiedinternalclockperiodcanvary
withVDD,temperatureandprocessvariations.
Watchdog Timer Control Registers
WDTS Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
WS2
WS1
WS0
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
1
1
1
Bit7~3
Unimplemented,readas“0”
Bit2~0
WS2~WS0:WDTTime-outperiodselection
000:28/fS
001:29/fS
010:210/fS
011:211/fS
100:212/fS
101:213/fS
110:214/fS
111:215/fS
ThesethreebitsdeterminethedivisionratiooftheWatchdogTimersourceclock,
whichinturndeterminesthetimeoutperiod.
WDTC Register
Bit
7
6
5
4
3
2
1
0
Name
WDTCLS1 WDTCLS0 WDTEN5 WDTEN4 WDTEN3 WDTEN2 WDTEN1 WDTEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
WDTCLS1~WDTCLS0:WDT/Timerclocksource
00:fLIRC
01:fSYS/4
10:fSYS
11:fSYS
Bit5~0
WDTEN5~WDTEN0:WDTenablecontrol
000000:Enable
101101:Disable
Othervalues:MCUreset
Whenthesebitsarechangedbytheenvironmentalnoisetoresetthemicrocontroller,
theresetoperationwillbeactivatedafter2~3LIRCclockcycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com