Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
Rev. 1.21
28
April 11, 2017
Rev. 1.21
29
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Low Voltage Reset – LVR
Themicrocontrollercontainsanalwaysenabledlowvoltageresetcircuitinordertomonitorthe
supplyvoltageofthedevice.Thisvoltageisfixedat2.1V(VLVR).Ifthesupplyvoltageofthedevice
dropstowithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingabattery,theLVRwill
automaticallyresetthedeviceinternally.
TheLVRincludesthefollowingspecifications:ForavalidLVRsignal,alowvoltage,i.e.,avoltage
intherangebetween0.9V~VLVRmustexistforgreaterthanthevaluetLVRspecifiedintheA.C.
characteristics.IfthelowvoltagestatedoesnotexceedtLVR,theLVRwillignoreitandwillnot
performaresetfunction.NotethattheLVRfunctionwillautomaticallybedisabledwhentheMCU
entersthePowerDownMode.
LV R
In te r nal R es et
t RS TD + t SST
Note:TRSTDispower-ondelay,typicaltime=50ms
Low Voltage Reset Timing Chart
Watchdog Time-out Reset during Normal Operation
TheWatchdogtime-outResetduringnormaloperationisthesameasahardwareRESpinreset
exceptthattheWatchdogtime-outflagTOwillbesetto“1”.
t RS TD + t SST
WD T Ti me -o ut
In te r nal R es et
Note:TRSTDispower-ondelay,typicaltime=50ms
WDT Time-out Reset during Normal Operation Timing Chart
Watchdog Time-out Reset during Sleep Mode
TheWatchdogtime-outResetduringSleepModeisalittledifferentfromotherkindsofreset.Most
oftheconditionsremainunchangedexceptthattheProgramCounterandtheStackPointerwillbe
clearedto“0”andtheTOflagwillbesetto“1”.RefertotheA.C.CharacteristicsfortSSTdetails.
t SST
WD T Ti me -o ut
In te r nal R es et
Note:TSSTis16clockcyclesforthesystemclocksourceisprovidedbyHIRC.
WDT Time-out Reset during Sleep Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com